Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 2 Page - Weitron Technology

Part # BAS40
Description  Surface Mount Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS40 Datasheet(HTML) 2 Page - Weitron Technology

  BAS40_09 Datasheet HTML 1Page - Weitron Technology BAS40_09 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Ratings (TJ=125 C Unless otherwise noted)
Characteristic
Reverse Voltage
Average Rectifier
Forward Current
Peak Repetitive
Forward Current
Rated VR, Square Wave,20KHz
Operating Junction
Temperature Range
Storage Temperature Range
Symbol
VR
IF(AV)
IFRM
TJ
Tstg
Value
Unit
40
200
200
-55 to +125
-55 to +150
Volts
mA
mA
C
Electrical Characteristics (TA=25 C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage (IR=100µA)
Forward Voltage
IF=1.0mA
IF=40mA
Total Capacitance
(VR=0V, f=1.0MHz)
Reverse Leakage
VR=30V
Reverse Recover Time
IF=IR =10mA, IR(Rec)=1.0mA
V(BR)R
VF
CT
IR
Trr
Min
Max
Unit
40
0.38
1.0
5
0.1
5.0
Volts
Volts
PF
µAdc
nS
Device Marking
Item
Marking
Eqivalent Circuit diagram
1
3
1
2
3
1
2
3
BAS40
BAS40-05
BAS40-06
BAS40-04
43 , B1
45
46 , L2
44 , CB
1
2
3
BAS40/BAS40-04
BAS40-05/BAS40-06
http://www.weitron.com.tw
WEITRON
C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com