Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS70 Datasheet(PDF) 2 Page - Weitron Technology

Part # BAS70
Description  Surface Mount Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAS70 Datasheet(HTML) 2 Page - Weitron Technology

  BAS70_09 Datasheet HTML 1Page - Weitron Technology BAS70_09 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Maximum Ratings (TA=25°C Unless otherwise noted)
Characteristic
Reverse Voltage
Average Rectier Forward Current
Operating Junction Temperature Range
Storage Temperature Range
Symbol
VR
IF(AV)
TJ
Tstg
Value
Unit
70
70
-55 to +125
-55 to +150
V
mA
°C
°C
Electrical Characteristics (TA=25 C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage (IR=100µA)
Forward Voltage
IF=1.0mA
IF=15mA
Total Capacitance
(VR=0V, f=1.0MHz)
Reverse Leakage
VR=50V
Reverse Recover Time
IF=IR =10mA, IR(Rec)=1.0mA
Device Marking
Item
Marking
Eqivalent Circuitdiagram
1
3
1
2
3
1
2
3
BAS70
BAS70-05
BAS70-06
BAS70-04
73, BE
75, EH
76, GK
74, CG
1
2
3
V(BR)R
VF
CT
IR
Trr
Min
Max
Unit
70
0.41
1.00
2
0.1
5.0
Volts
Volts
PF
µAdc
nS
BAS70/BAS70-04
BAS70-05/BAS70-06
http://www.weitron.com.tw
WEITRON
2/2
Rev.B 27-Jul-09
-
-
-
-
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com