Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SW Datasheet(PDF) 2 Page - Weitron Technology

Part # BAT54SW
Description  Surface Mount Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54SW Datasheet(HTML) 2 Page - Weitron Technology

  BAT54SW Datasheet HTML 1Page - Weitron Technology BAT54SW Datasheet HTML 2Page - Weitron Technology BAT54SW Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
WEITRON
BAT54W/BAT54CW
BAT54AW/BAT54SW
MaximumRatings
(TJ=125°C Unless otherwise noted)
Characteristic
Reverse Voltage
Average Rectifier
Forward Current
Peak Repetitive
Forward Current
Rated VR, Square Wave,20KHz
Operating Junction
Temperature Range
Storage Temperature Range
Symbol
VR
IF(AV)
IFRM
IFSM
TJ
Tstg
BAT54W/CW/AW/SW
Unit
30
200
300
-55 to +125
-55 to +150
Volts
mA
mA
mA
C
C
DeviceMarking
Item
Marking
EqivalentCir cuitdiagram
1
3
1
2
3
1
2
3
BAT54W
BAT54CW
BAT54AW
BAT54SW
B4 , KL5
L3 , KL7 , 5C
B7 , KL6
B8 , KL8
1
2
3
ElectricalCharacteristics
(TA=25 C Unless otherwise noted)
Characteristic
Symbol
Reverse Breakdown Voltage (IR=10µA)
Forward Voltage
IF=0.1mA
IF=1.0mA
IF=10mA
IF=30mA
IF=100mA
Total Capacitance
(VR=1.0V, f=1.0MHz)
Reverse Leakage
Reverse Recover Time
(IF=IR =10mA, IR(Rec)=1.0mA)
V(BR)R
VF
CT
IR
Trr
Min
Typ
Max
Unit
30
0.22
0.29
0.35
0.41
0.52
0.24
0.32
0.40
0.50
1.00
7.6
0.5
10
2.0
5.0
Volts
Volts
F
P
µAdc
nS
http://www.weitron.com.tw
Non-Repetitive
Forward Current(t 1.0s)
600
(VR=25V)
2/3
Rev.A 23-Mar-07



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com