Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC548C Datasheet(PDF) 1 Page - Weitron Technology

Part # BC548C
Description  NPN General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC548C Datasheet(HTML) 1 Page - Weitron Technology

  BC548C Datasheet HTML 1Page - Weitron Technology BC548C Datasheet HTML 2Page - Weitron Technology BC548C Datasheet HTML 3Page - Weitron Technology BC548C Datasheet HTML 4Page - Weitron Technology BC548C Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
℃
℃
℃
NPN General Purpose Transistor
http://www.weitron.com.tw
WEITRON
Maximum Ratings
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
OFF CHARACTERISTICS
( TA =25°C unless otherwise noted)
BC546
BC546
BC547
BC547
BC548
BC548
BC546
BC547
BC548
BC546
BC547
BC548
BC546
BC547
BC548
BC546
BC547
BC548
BC546, A/B
BC547, A/B/C
BC548, A/B/C
TO-92
2
2
3
3
1
1
80
50
30
65
45
30
6
6
6
100
625
80
50
30
65
45
30
6
Rating
Symbol
Collector-Emitter Voltage
V
Collector Current Continuous
l
Collector-Base Voltage
V
Emitter-Base Voltage
V
ECO
CBO
EBO
C
Unit
Unit
Unit
Max
Max
Min
Symbol
Symbol
Characteristics
Characteristics
Total Device Dissipation
Alumina Substrate, T = 25 C
Vdc
Vdc
Vdc
Vdc
Vdc
Vdc
mAdc
mW/ C
C
-55 to +150
A
Junction and Storage, Temperature
PD
TJ, Tstg
V(BR)CEO
V(BR)CBO
V(BR)EBO
Collector-Emitter Breakdown Voltage
(l = 1 mAdc. l =0)
C
B
Collector-Base Breakdown Voltage
(l = 100 ? Adc. l =0)
C
E
Emitter-Base Breakdown Voltage
(l = 10 ? Adc. l =0)
E
C
COLLECTOR
BASE
EMITTER
1/5
Rev.C 30-May-08


Similar Part No. - BC548C

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC548C MOTOROLA-BC548C Datasheet
193Kb / 6P
Amplifier Transistors
logo
ON Semiconductor
BC548C ONSEMI-BC548C Datasheet
140Kb / 6P
Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Siemens Semiconductor G...
BC548C SIEMENS-BC548C Datasheet
210Kb / 6P
NPN Silicon Transistors
logo
Fairchild Semiconductor
BC548C FAIRCHILD-BC548C Datasheet
21Kb / 2P
NPN General Purpose Amplifier
logo
Micro Commercial Compon...
BC548C MCC-BC548C Datasheet
1Mb / 4P
NPN Silicon Amplifier Transistor 625mW
More results

Similar Description - BC548C

ManufacturerPart #DatasheetDescription
logo
Rohm
BC848BW ROHM-BC848BW Datasheet
149Kb / 6P
NPN General Purpose Transistor
SSTA28 ROHM-SSTA28 Datasheet
58Kb / 3P
NPN general purpose transistor
logo
SeCoS Halbleitertechnol...
2N3904 SECOS-2N3904_10 Datasheet
383Kb / 3P
NPN General Purpose Transistor
logo
Rohm
SST6838 ROHM-SST6838_05 Datasheet
80Kb / 4P
NPN general purpose transistor
SSTA28 ROHM-SSTA28_05 Datasheet
79Kb / 3P
NPN general purpose transistor
logo
Leshan Radio Company
LNST3904F3T5G LRC-LNST3904F3T5G_15 Datasheet
202Kb / 4P
NPN General Purpose Transistor
logo
Galaxy Semi-Conductor H...
MMST5551 BILIN-MMST5551_14 Datasheet
173Kb / 4P
NPN General Purpose Transistor
Rev.A
2SC4617 BILIN-2SC4617 Datasheet
160Kb / 4P
NPN general purpose Transistor
Rev.A
MMBT5551 BILIN-MMBT5551_13 Datasheet
158Kb / 4P
NPN General Purpose Transistor
logo
Rohm
SSTA06HZG ROHM-SSTA06HZG Datasheet
1Mb / 9P
NPN General Purpose Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com