Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES3JB Datasheet(PDF) 2 Page - Weitron Technology

Part # ES3JB
Description  Surface Mount Super Fast Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ES3JB Datasheet(HTML) 2 Page - Weitron Technology

  ES3JB Datasheet HTML 1Page - Weitron Technology ES3JB Datasheet HTML 2Page - Weitron Technology ES3JB Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load
Maximum Instantaneous IF = 3.0A @ 25°C
Maximum DC Reverse Current @TA=25°C
At Rated DC Blocking Voltage @TA=100°C
Maximun Reverse Recocery Time(Note1)
Typical Junction Capacitance (Note 2)
Typical Thermal Resistance
Operating Temperature Range
Storage Temperature Range
V
V
V
A
A
V
uA
C
C
(TA=25°C unless otherwise noted)
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
C
θJC
T
TSTG
50
35
50
100
70
100
300
210
300
ES3FB
200
140
200
ES3DB
150
105
150
400
280
400
600
420
600
-55 to+150
-55 to+150
F
C/W
2.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
3.0
80.0
0.98
1.30
5
100
50
30
30
http://www.weitron.com.tw
WEITRON
J
J
ES3AB thru ES3JB
ES3AB ES3BB ES3CB
ES3GB ES3JB
1.75
P
R
Trr
35
nS
NOTES:1.Reverse Recovery Test Conditions: F=0.5A, R=1.0A,
=0.25A.
I
I
I RR
27-Jan-2011
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com