Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT593 Datasheet(PDF) 2 Page - Weitron Technology

Part # FMMT593
Description  General Purpose Transistor PNP Silicon
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

FMMT593 Datasheet(HTML) 2 Page - Weitron Technology

  FMMT593 Datasheet HTML 1Page - Weitron Technology FMMT593 Datasheet HTML 2Page - Weitron Technology FMMT593 Datasheet HTML 3Page - Weitron Technology FMMT593 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small-signal Characteristics
Transition Frequency
VCE = -10V, IC = -50mA, f = 100MHz
Output Capacitance
VCB = -10V, f = 1.0MHz
fT
Cob
150
-
-
-
-
-
-
5
MHz
pF
DC Current Gain
VCE= -5.0V, IC= -1.0mA
VCE= -5.0V, IC= -250mA
VCE= -5.0V, IC= -0.5A
VCE= -5.0V, IC= -1.0A
Collector-Emitter Saturation Voltage
IC = -250mA, IB = -25mA
IC = -0.5A, IB = -50mA
Base-Emitter Saturation Voltage
IC = -0.5A, IB = -50mA
VCE(sat)
VBE(sat)
-
V
V
100
100
100
50
hFE1
hFE2
hFE3
hFE4
-
On Characteristics
-
-
-
300
-
-
-
-
-
-0.2
-0.3
-1.1
-
Base-Emitter Voltage
VCE = -5.0V, IC = -1mA
VBE(on)
V
-
-1.0
(1)
1. Measured under pulsed conditions, Pulse width = 300µs, Duty cycle ≤ 2%.
WEITRON
http://www.weitron.com.tw
FMMT593
2/4
06-May-10
Symbol
Unit
Electrical Characteristics (TA=25ºC Unless Otherwise noted)
Characteristics
Min
Max
Typ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com