Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSA708 Datasheet(PDF) 1 Page - Weitron Technology

Part # KSA708
Description  PNP Plastic-Encapsulate Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KSA708 Datasheet(HTML) 1 Page - Weitron Technology

  KSA708 Datasheet HTML 1Page - Weitron Technology KSA708 Datasheet HTML 2Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEITRON
hpp://www.weitron.com.tw
1/2
23-Feb-2011
PNP Plastic-Encapsulate Transistor
TO-92
KSA708
WEITRON
Lead(Pb)-Free
P b
1. EMITTER
2. COLLECTOR
3. BASE
FEATURES :
• Low Saturation Medium Current Application
MAXIMUM RATINGS (TA=25°C unless otherwise noted)
Symbol
Parameter
Value
Units
Collector-Base Voltage
ELECTRICAL CHARACTERISTICS (Tamb=25°C unless otherwise specified)
Parameter
Symbol
Test conditions
MIN
Units
MAX
TYP
CLASSIFICATION OF hFE
Collector-Emitter Voltage
Emitter-Base Voltage
Collector Current -Continuous
Collector Power Dissipation
Thermal Resistance From Junction To Ambient
Junction Temperature
Storage Temperature
VCBO
VCEO
VEBO
IC
PC
RθJA
TJ
Tstg
-80
-60
-8
-0.7
0.8
156
150
-55 to +150
V
V
V
A
W
°C/W
°C
°C
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Emitter cut-off current
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition Frequency
Collector output capacitance
DC current gain
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
hFE
IEBO
VCE(sat)
VBE(sat)
f T
Cob
IC=-0.5A,I B = -50mA
VCE=-10V,IC=-50mA
IC=-0.5A, IB=-50mA
IC= -0.1mA, IE=0
VCE= -2V, I C= -50mA
VEB= -5V, IC=0
VCB= -60V, I E=0
IE= -0.1mA, IC=0
IC= -10mA, IB=0
-80
-60
-8
-0.1
-0.1
240
-0.7
-1.1
50
40
13
V
V
V
µA
µA
V
V
pF
MHz
Y
O
R
Rank
Range
120-240
70-140
40-80
f=1MHz
VCB=-10V, I E =0,


Similar Part No. - KSA708

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSA708 FAIRCHILD-KSA708 Datasheet
39Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
KSA708 FAIRCHILD-KSA708 Datasheet
45Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
logo
Foshan Blue Rocket Elec...
KSA708 FOSHAN-KSA708 Datasheet
969Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
logo
Jiangsu Changjiang Elec...
KSA708 JIANGSU-KSA708 Datasheet
3Mb / 3P
TO-92L Plastic-Encapsulate Transistors
logo
Fairchild Semiconductor
KSA708YBU FAIRCHILD-KSA708YBU Datasheet
45Kb / 4P
Low Frequency Amplifier & Medium Speed Switching
More results

Similar Description - KSA708

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
BC807-16W SECOS-BC807-16W Datasheet
197Kb / 3P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BCX53 WEITRON-BCX53 Datasheet
700Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
MMBT5401 MCC-MMBT5401 Datasheet
68Kb / 2P
PNP Plastic Encapsulate Transistor
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
PNP Plastic-Encapsulate Transistor
KTA1266 WEITRON-KTA1266 Datasheet
216Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
2SA1012 MCC-2SA1012 Datasheet
213Kb / 2P
PNP Plastic-Encapsulate Transistor
logo
SeCoS Halbleitertechnol...
BC807 SECOS-BC807 Datasheet
419Kb / 2P
PNP Plastic Encapsulate Transistor
BC327 SECOS-BC327_15 Datasheet
299Kb / 3P
PNP Plastic-Encapsulate Transistor
CZD772M SECOS-CZD772M Datasheet
314Kb / 2P
PNP Plastic Encapsulate Transistor
BCX53 SECOS-BCX53_16 Datasheet
341Kb / 2P
PNP Plastic Encapsulate Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com