Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD41C Datasheet(PDF) 2 Page - Weitron Technology

Part # MJD41C
Description  NPN PLASTIC ENCAPSULATE TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MJD41C Datasheet(HTML) 2 Page - Weitron Technology

  MJD41C Datasheet HTML 1Page - Weitron Technology MJD41C Datasheet HTML 2Page - Weitron Technology MJD41C Datasheet HTML 3Page - Weitron Technology MJD41C Datasheet HTML 4Page - Weitron Technology MJD41C Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ON CHARACTERISTICS
DC Current Gain
VCE=4V, IC=0.3A
VCE=4V, IC=6A
VCE=10V, IC=0.5A, f=1MHz
VCE=4V, IC=3A
Collector-Emitter Saturation Voltage
IC=6A, IB=0.6A
hFE(1)
30
-
-
-
hFE(2)
15
-
75
VCE(sat)
-
-
1.5
V
Transition frequency
3
-
-
MHz
WEITRON
http://www.weitron.com.tw
2/5
19-Nov-09
fT
Base-Emitter Voltage
VBE
-
-
2
V
Symbol
Parameter
Min
Typ
Max
Unit
ELECTRICAL CHARACTERISTICS(TA=25˚C unless otherwise noted)
Collector-Emitter Breakdown Voltage
IC=30mA
Collector-Base Breakdown Voltage
IC=0.1mA
Emitter-Base Breakdown Voltage
IE=0.1mA
BVEBO
BVCEO
BVCBO
100
100
5.0
-
-
-
-
-
-
V
V
V
VCB=60V
ICEO
-
50
-
µA
VEB=5.0V
IEBO
-
0.5
-
mA
MJD41C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com