Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE3000 Datasheet(PDF) 2 Page - Lineage Power Corporation

Part # ACE3000
Description  3 Bay / 9 Kilowatt Power Shelf
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE3000 Datasheet(HTML) 2 Page - Lineage Power Corporation

  ACE3000 Datasheet HTML 1Page - Lineage Power Corporation ACE3000 Datasheet HTML 2Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.lineagepower.com/oem
Lineage Power
Lineage Power
Lineage Power (China)
3000 Skyline Dr.
2841 Dow Avenue
1353 Chenqiao Road, Shanghai Sengpu Industrial Park
Mesquite, TX 75149
Tustin, CA 92780 USA
Shanghai, 201401 China
Phone: (972) 284-2000
Phone: (714) 544-6665
Phone: 021 6710 8910
rev 100506
ACE3000
3 Bay / 9 Kilowatt Power Shelf
Outline Drawing
PART NUMBER DEFINITION GUIDE
5.18
(131.6)
Series
3=3kW x 3 Bays
9kW Total
Power
Blank=Non-Compliant
Y0=5 of 6 Compliant
Z0=6 of 6 Compliant
RoHS Compliance
Rev.
0 = 1Ø
3 = 3Ø
Input Phase
3 = 3 Slots
Output V
Blank = Front End
T = Rectifier
Type
Blank = Positive
N = Negative
Polarity
Blank = Bus Bar
H = Positronic (front-end only)
Backplane Connector
ACE 3 x 3 x x x xx - 1A
RTN
V1
L1 L2 L3
-
+
L1 L2 L3
RTN
V1
ALL TELECOM SHELVES
FRONT END POWER SHELVES (POSITIVE POLARITY)
FRONT END POWER SHELVES (NEGATIVE POLARITY)
16.00
(406.4)
16.00
(406.4)
17.165
(436)
17.165
(436)
5.18
(131.6)
5.18
(131.6)
3-Phase Input
Connector
V1
V1 RETURN
PIN
FUNCTION
1
5vsBRTN
2
TEMP.Ok1
3
PGOOD1
4
ACFAIl1
5
PREsENT1
6
ON/OFF1
7
5vsBRTN
8
TEMP.Ok2
9
PGOOD2
10
ACFAIl2
11
PREsENT2
12
ON/OFF2
13
5vsBRTN
14
TEMP.Ok3
15
PGOOD3
16
ACFAIl3
17
PREsENT3
18
ON/OFF3
19
N/C
20
N/C
21
N/C
22
N/C
23
N/C
24
N/C
25
v1 sENsE
26
RTN sENsE
27
MARGIN 1
28
MARGIN 2
29
N/C
30
I-shARE
31
RTN
32
N/C
33
5vsBRTN
34
5vsBRTN
35
5vsB
36
5vsB
37
N/C
status / Control Connector
37 Pin D sub Connector
5.18
(131.6)
Series
3=3kW x 3 Bays
9kW Total
Power
Blank=Non-Compliant
Y0=5 of 6 Compliant
Z0=6 of 6 Compliant
RoHS Compliance
Rev.
0 = 1Ø
3 = 3Ø
Input Phase
3 = 3 Slots
Output V
Blank = Front End
T = Rectifier
Type
Blank = Positive
N = Negative
Polarity
Blank = Bus Bar
H = Positronic (front-end only)
Backplane Connector
ACE 3 x 3 x x x xx - 1A
RTN
V1
L1 L2 L3
-
+
L1 L2 L3
RTN
V1
ALL TELECOM SHELVES
FRONT END POWER SHELVES (POSITIVE POLARITY)
FRONT END POWER SHELVES (NEGATIVE POLARITY)
16.00
(406.4)
16.00
(406.4)
17.165
(436)
17.165
(436)
5.18
(131.6)
5.18
(131.6)
3-Phase Input
Connector
V1
V1 RETURN
Example Part Numbers:
Backplane
Part #
Type
Phase
Polarity
Connector
ACE303
Front End
single
Positive
Bus Bar
ACE333
Front End
Three
Positive
Bus Bar
ACE303N
Front End
single
Negative
Bus Bar
ACE333N
Front End
Three
Negative
Bus Bar
ACE303h
Front End
single
Positive
Positronic
ACE333h
Front End
Three
Positive
Positronic
ACE303Nh
Front End
single
Negative
Positronic
ACE333Nh
Front End
Three
Negative
Positronic



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com