Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3JB Datasheet(PDF) 2 Page - Weitron Technology

Part # S3JB
Description  General Purpose Rectifiers Surface Mount D evice
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

S3JB Datasheet(HTML) 2 Page - Weitron Technology

  S3JB Datasheet HTML 1Page - Weitron Technology S3JB Datasheet HTML 2Page - Weitron Technology S3JB Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
J
J
P
R
800
560
800
1000
700
1000
3.0
100.0
1.15
S3AB S3BB
S3DB
S3GB
S3JB
S3KB
S3MB
Maximum Repetitive Peak Reverse Voltage
Maximum RMS Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load
Maximum Instantaneous IF=3A @ 25°C
Maximum DC Reverse Current @TA=25 C
At Rated DC Blocking Voltage @TA=100 C
Typical Junction Capacitance
Typical Thermal Resistance
Operating Temperature Range
Storage Temperature Range
V
V
V
A
A
V
uA
C
C
Maximum DC Blocking Voltage
VRRM
VRMS
VDC
IF
IFSM
VF
IR
C
θJA
T
TSTG
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
-55 to+150
-55 to+150
F
C/W
10.0
500.0
60
20
Rating 25 C Ambient Temperature Unless Otherwise Specified.
http://www.weitron.com.tw
WEITRON
2/3
15-Sep-2010
S3AB thru S3MB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com