Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US05AM Datasheet(PDF) 3 Page - Weitron Technology

Part # US05AM
Description  Surface Mount Ultra Fast Recovery Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

US05AM Datasheet(HTML) 3 Page - Weitron Technology

  US05AM Datasheet HTML 1Page - Weitron Technology US05AM Datasheet HTML 2Page - Weitron Technology US05AM Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
US05AM thru
WEITRON
http://www.weitron.com.tw
RATING AND CHARACTERISTIC CURVES
FIG.1- Test Circuit Diagram and Reverse
Recovery Time Characteristics
US05MM
FIG.4-Typical Forward
Characteristics
.4
.6
.8
1.0
1.2
1.4
.001
.01
.1
1.0
10
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
Tj=25 C
1.6
1.8
FIG.2-Tyical Forward Current Derating Curve
0.1
0.2
0.3
0.4
0.5
0.6
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
AMBIENT TEMPERATURE ( C)
0
25
50
75
100
125
150
175
0
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
FIG.3-Maximum Non-repetitive Forward
Surge Current
6
0
12
18
24
30
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
FIG.5-Typical Junction Capacitance
REVERSE VOLTAGE,(V)
175
120
100
80
60
40
20
0
.01
.05
.1
.5
1
5
10
50
100
3/3
Rev.A 31-Aug-09



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com