Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WOSD12 Datasheet(PDF) 1 Page - Weitron Technology

Part # WOSD12
Description  Surface Mount TVS Diodes Array for ESD Protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WOSD12 Datasheet(HTML) 1 Page - Weitron Technology

  WOSD12 Datasheet HTML 1Page - Weitron Technology WOSD12 Datasheet HTML 2Page - Weitron Technology WOSD12 Datasheet HTML 3Page - Weitron Technology WOSD12 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APPLICATIONS
* Microprocessor based equipment
* Notebooks, Desktops, and Servers
* Cell Phone Handsets and Accessories
* Personal Digital Assistants(PDA’s)
* Portable Instrumentation
* Pagers Peripherals
http://www.weitron.com.tw
WEITRON
WOSD03/WOSD05
WOSD12
TRANSIENT
VOLTAGE
SUPPRESSORS
300 WATTS
3-12 VOLTS
Surface Mount TVS Diodes Array
for ESD Protection
* CASE: Molded Epoxy
* TERMINAS: UL 94V-0
* WEIGHT: 0.0045 gram
* MOUNTING POSITION: Any
MECHANICAL DATA
* ESD Protection to IEC 61000-4-2,30KV(Air), 30KV(Contact)
* 300 Watts Peak Power Protection(tp=8/20 uS)
* Excellent Clamping Capability
* Low Leakage Current
* Protects one I/O or Power line
* Solid-state Silicon-avalanche Technology
* Small Package for use in Portable Electronics
* Transient Voltage Suppressors Encapsulated in a SOD-323 Package
FEATURES
SOD-323 Outline Dimensions
Unit:mm
SOD-323
1
2
1/4
Rev.
C 22-Jun-09
Lead(Pb)-Free
P b
1


Similar Part No. - WOSD12

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WOSD12 WEITRON-WOSD12 Datasheet
264Kb / 4P
Surface Mount TVS Diodes Array for ESD Protection
More results

Similar Description - WOSD12

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WOSD03 WEITRON-WOSD03 Datasheet
264Kb / 4P
Surface Mount TVS Diodes Array for ESD Protection
WOST03C WEITRON-WOST03C Datasheet
177Kb / 3P
Surface Mount TVS Diode Array for ESD Protection
logo
Galaxy Semi-Conductor H...
SMF5V0A BILIN-SMF5V0A Datasheet
119Kb / 3P
SURFACE MOUNT ESD PROTECTION DIODES
logo
Weitron Technology
ESD9DXX WEITRON-ESD9DXX Datasheet
390Kb / 4P
Surface Mount TVS For ESD Protection Diode
SLVU2.8 WEITRON-SLVU2.8 Datasheet
1Mb / 7P
Ultralow Capacitance TVS Diodes Array for ESD Protection
WOST04 WEITRON-WOST04 Datasheet
133Kb / 3P
Surface Mount TVS Diode Array for ESD Protection
logo
Pan Jit International I...
PJSDA05C-4 PANJIT-PJSDA05C-4 Datasheet
106Kb / 3P
TVS ARRAY QUAD FOR ESD PROTECTION
logo
Weitron Technology
ESD0501B2C WEITRON-ESD0501B2C Datasheet
246Kb / 3P
Surface Mount TVS For ESD Protection Diode
ESDB0501B2C WEITRON-ESDB0501B2C Datasheet
196Kb / 2P
Surface Mount TVS For ESD Protection Diode
logo
Vishay Siliconix
SMF5V0A-M VISHAY-SMF5V0A-M_12 Datasheet
111Kb / 7P
Surface Mount ESD Protection Diodes
30-Nov-11
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com