Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4935 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC4935
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC4935 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC4935 Datasheet HTML 1Page - Toshiba Semiconductor 2SC4935 Datasheet HTML 2Page - Toshiba Semiconductor 2SC4935 Datasheet HTML 3Page - Toshiba Semiconductor 2SC4935 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC4935
2004-07-07
3
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Ambient temperature Ta (°C)
PC – Ta
Collector-emitter voltage VCE (V)
Safe Operating Area
0
0
Common emitter
Tc = 25°C
1
2
3
2
4
6
8
10
IB = 5 mA
50
40
30
25
20
15
10
1
0.01
0.01
0.1
1
10
0.1
Common emitter
IC/IB = 10
100
Tc = −25°C
25
12
0
0
25
50
75
100
125
150
175
200
10
8
6
4
2
(1) Tc = Ta
Infinite heat sink
(2) No heat sink
(1)
(2)
10
0.05
1
0.1
1
10
3
5
30
50
100
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
IC max (pulsed)*
IC max (continuous)
DC operation
Tc = 25°C
100 ms*
10 ms*
t = 1 ms*
3
0
0
2.5
2
1.5
1
0.5
0.2
0.4
0.6
0.8
1
1.2
1.4
Common emitter
VCE = 2 V
−25
Tc = 100°C
25
1000
3
0.01
100
10
0.1
1
10
Common emitter
VCE = 2 V
−25
Tc = 100°C
25
30
300



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com