Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5076 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5076
Description  High-Current Switching Applications.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5076 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5076 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5076 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5076
2004-07-07
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
VCE – IC
Collector current IC (A)
VCE – IC
Collector current IC (A)
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
VCE – IC
10
1.0
0
0
0.8
0.6
0.4
0.2
1
2
3
4
5
6
IB = 20 mA
40
120
160
7
80
250
Common emitter
Tc = −55°C
300
500
200
1.0
0
0
0.8
0.6
0.4
0.2
1
2
3
4
5
6
IB = 10 mA
Common emitter
Tc = 100°C
7
20
60
80
40
150
200
300
100
120
10
0
0
8
6
4
2
2
4
6
8
10
12
IB = 10 mA
90
Common emitter
Tc = 25°C
14
80
70
60
50
40
30
20
100
1.0
0
0
0.8
0.6
0.4
0.2
1
2
3
4
5
6
IB = 10 mA
40
20
7
60
80
100
150
200
Common emitter
Tc = 25°C
300
500
0.03
0.1
0.3
1
0.03
0.05
0.1
Common emitter
IC/IB = 20
Tc = −55°C
25
100
3
10
0.3
0.5
1
2
1000
50
100
500
Common emitter
VCE = 1 V
300
10
0.03
0.1
0.3
1
3
30
Tc = 100°C
25
−55



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com