Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5200 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5200
Description  Power Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5200 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5200 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5200 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5200 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5200 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5200
2004-07-07
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5200
Power Amplifier Applications
• High breakdown voltage: VCEO = 230 V (min)
• Complementary to 2SA1943
• Suitable for use in 100-W high fidelity audio amplifier’s output stage
Maximum Ratings (Tc = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
230
V
Collector-emitter voltage
VCEO
230
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
15
A
Base current
IB
1.5
A
Collector power dissipation
(Tc = 25°C)
PC
150
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 230 V, IE = 0
―
―
5.0
µA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
―
―
5.0
µA
Collector-emitter breakdown voltage
V (BR) CEO
IC = 50 mA, IB = 0
230
―
―
V
hFE (1)
(Note)
VCE = 5 V, IC = 1 A
55
―
160
DC current gain
hFE (2)
VCE = 5 V, IC = 7 A
35
60
―
Collector-emitter saturation voltage
VCE (sat)
IC = 8 A, IB = 0.8 A
―
0.4
3.0
V
Base-emitter voltage
VBE
VCE = 5 V, IC = 7 A
―
1.0
1.5
V
Transition frequency
fT
VCE = 5 V, IC = 1 A
―
30
―
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
―
200
―
pF
Note: hFE (1) classification R: 55 to 110, O: 80 to 160
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-21F1A
Weight: 9.75 g (typ.)


Similar Part No. - 2SC5200

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5200 UTC-2SC5200 Datasheet
94Kb / 3P
POWER AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
2SC5200 FAIRCHILD-2SC5200 Datasheet
205Kb / 6P
NPN Epitaxial Silicon Transistor
logo
Savantic, Inc.
2SC5200 SAVANTIC-2SC5200 Datasheet
229Kb / 4P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC5200 NJSEMI-2SC5200 Datasheet
281Kb / 2P
POWER AMPLIFIER APPLICATION
logo
Thinki Semiconductor Co...
2SC5200 THINKISEMI-2SC5200 Datasheet
424Kb / 2P
150 Watt Silicon NPN Power Transistors
More results

Similar Description - 2SC5200

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com