Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5355 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5355
Description  High Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5355 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5355 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5355 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5355 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5355 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC5355
2005-02-01
1
TOSHIBA Transistor Silicon NPN Triple Diffused Mesa Type
2SC5355
High Voltage Switching Applications
Switching Regulator Applications
DC-DC Converter Applications
• Excellent switching times: tr = 0.5 µs (max), tf = 0.3 µs (max)
• High collector breakdown voltage: VCEO = 400 V
• High DC current gain: hFE = 20 (min)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
600
V
Collector-emitter voltage
VCEO
400
V
Emitter-base voltage
VEBO
7
V
DC
IC
5
Collector current
Pulse
ICP
7
A
Base current
IB
1
A
Ta = 25°C
1.5
Collector power
dissipation
Tc = 25°C
PC
25
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7B5A
Weight: 0.36 g (typ.)
JEDEC
―
JEITA
―
TOSHIBA
2-7B7A
Weight: 0.36 g (typ.)


Similar Part No. - 2SC5355

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5355 TOSHIBA-2SC5355 Datasheet
149Kb / 3P
NPN TRIPLE DIFFUSED MESA TYPE (SWITCHING REGULATOR, HIGH VOLTAGE SWITCHING, DC-DC CONVERTER APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC5355 KEXIN-2SC5355 Datasheet
44Kb / 2P
Silicon NPN Triple Diffused Mesa Type
More results

Similar Description - 2SC5355

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
High-Voltage Switching Applications
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
High-Voltage Switching Applications
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
High-Voltage Switching Applications
logo
Toshiba Semiconductor
1SS403 TOSHIBA-1SS403_07 Datasheet
179Kb / 4P
High Voltage Switching Applications
2SA1972 TOSHIBA-2SA1972_07 Datasheet
150Kb / 4P
High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SA1419 KEXIN-2SA1419 Datasheet
511Kb / 3P
High-Voltage Switching Applications
2SA1415 KEXIN-2SA1415 Datasheet
412Kb / 3P
High-Voltage Switching Applications
2SA1416 KEXIN-2SA1416 Datasheet
509Kb / 3P
High-Voltage Switching Applications
2SC4135 KEXIN-2SC4135 Datasheet
45Kb / 2P
High-Voltage Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com