Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5458 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5458
Description  High Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5458 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5458 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5458 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5458 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5458 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5458 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5458
2005-02-01
3
Collector-emitter voltage VCE (V)
IC – VCE
Base-emitter voltage VBE (V)
IC – VBE
Base-emitter voltage VBE (V)
IC – VBE
Collector current IC (mA)
VBE (sat) – IC
Collector current IC (mA)
VBE (sat) – IC
Collector current IC (mA)
hFE – IC
0
0
Common emitter
Tc = 25°C
1000
10
80
60
100
40
30
20
800
600
400
200
2
4
6
8
10
IB = 5 mA
10
300
1
1
Common emitter
VCE = 5 V
100
30
10
3
3
30
300
100
1000
25
Tc = 100°C
−55
3
0
Common emitter
VCE = 5 V
−55
25
Tc = 100°C
1000
100
10
0.2
0.4
0.6
0.8
1.0
1.2
25
Tc = 100°C
Common emitter
IC/IB = 10
−55
10
1
3
0.05
0.3
1
3
10
30
300
1000
100
0.1
25
Tc = 100°C
Common emitter
IC/IB = 5
−55
10
1
3
0.05
0.3
1
3
10
30
300
1000
100
0.1
1
30
300
Common emitter
VCE = 5 V
800
0
400
200
25
Tc = 100°C
−55
0.4
0
0.2
0.6
1.0
0.8
1.2
600



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com