Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5465 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5465
Description  Switching Regulator and High Voltage Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5465 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5465 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5465 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5465 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5465 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SC5465
2005-02-01
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (mA)
hFE – IC
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
VBE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
800
0
0
Common emitter
VCE = 5 V
0.2
0.4
0.6
0.8
1.0
1.2
200
400
600
Tc = 100°C
25
−55
Common emitter
VCE = 5 V
1
1
30
100
300
10
30
100
300
1000
Tc = 100°C
−55
25
3
10
3
Common emitter
IC/IB = 5
0.01
1
0.3
1
3
3
10
30
100
300
Tc = 100°C
−55
25
0.03
0.1
1000
Common emitter
IC/IB = 5
0.05
3
1
3
10
10
30
100
300
1000
Tc = 100°C
−55
25
0.3
1
0.1
Safe Operating Area
Collector-emitter voltage VCE (V)
Common emitter
Tc = 25°C
0
0
1000
200
IB = 5 mA
400
600
800
2
4
6
8
10
100
120
80
60
40
30
20
10
100
3
0.001
10
1
0.3
0.1
30
300
1000
3000
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
IC max
(continuous)
IC max (pulsed)*
VCEO max
1 ms*
10 µs*
100 µs*
DC operation
Tc = 25°C
100 ms*
10 ms*
0.03
0.01
0.003



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com