Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9268GCM/V+T Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX9268GCM/V+T
Description  Gigabit Multimedia Serial Link Deserializer with LVDS System Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9268GCM/V+T Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX9268GCM/V+T Datasheet HTML 9Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 10Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 11Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 12Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 13Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 14Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 15Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 16Page - Maxim Integrated Products MAX9268GCM/V+T Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Gigabit Multimedia Serial Link Deserializer
with LVDS System Interface
______________________________________________________________________________________ 13
Detailed Description
The MAX9268 deserializer with LVDS system inter-
face utilizes Maxim’s GMSL technology. The MAX9268
deserializer pairs with any GMSL serializer to form a
complete digital serial link for joint transmission of high-
speed video, audio, and bidirectional control data.
The MAX9268 allows a maximum serial payload data
rate of 2.5Gbps for greater than 15m of STP cable. The
deserializer operates up to 104MHz for 3-channel LVDS
or 78MHz for 4-channel LVDS. The operating frequency
range supports display panels from QVGA (320 x 240)
up to WXGA (1280 x 800) and higher with 24-bit color.
The 3-channel mode outputs an LVDS clock, three
lanes of LVDS data (21 bits), UART control signals,
and one I2S audio channel (consisting of three sig-
nals). The 4-channel mode outputs an LVDS clock, four
lanes of LVDS data (28 bits), UART control signals,
one I2S audio channel, and control signals. The I2S
interface supports sample rates from 8kHz to 192kHz
and audio word lengths of 4 to 32 bits. The embed-
ded control channel forms a full-duplex, differential,
100kbps to 1Mbps UART link between the serializer and
deserializer. An ECU or FC can be located on the
serializer side of the link (typical for video display), on the
MAX9268 side of the link (typical for image sensing), or
on both sides. In addition, the control channel enables
ECU/FC control of peripherals in the remote side, such
as backlight control, grayscale Gamma correction,
camera module, and touch screen. Base-mode com-
munication with peripherals uses either I2C or the GMSL
UART format. A bypass mode enables full-duplex com-
munication using custom UART formats.
The MAX9268 channel equalizer, along with the
serializer preemphasis, extends the link length and
enhances the link reliability. Spread spectrum is avail-
able to reduce EMI on the LVDS and control outputs of
the MAX9268. The serial input complies with ISO 10605
and IEC 61000-4-2 ESD protection standards.
Register Mapping
The FC configures various operating conditions of the
GMSL serializer and the MAX9268 through internal
registers. The default device addresses are stored in reg-
isters 0x00 and 0x01 of both the GMSL serializer and the
MAX9268 (Table 1). Write to the 0x00 and 0x01 registers
in both devices to change the device address of the GMSL
serializer or the MAX9268.
Table 1. Power-Up Default Register Map (see Table 12)
REGISTER
ADDRESS
(hex)
POWER-UP
DEFAULT
(hex)
POWER-UP DEFAULT SETTINGS
(MSB FIRST)
0x00
0x40, 0x44, 0x48
0x80, 0x84, 0x88,
0xC0, 0xC4, 0xC8
SERID = XX00XX0, serializer device address is determined by ADD1 and ADD0
(Table 2)
RESERVED = 0
0x01
0x50, 0x54, 0x58,
0x90, 0x94, 0x98,
0xD0, 0xD4, 0xD8
DESID =XX01XX0, deserializer device address is determined by ADD1 and ADD0
(Table 2)
RESERVED = 0
0x02
0x1F or 0x5F
SS = 00 (SSEN = low), SS = 01 (SSEN = high), spread-spectrum settings depend on
SSEN pin state at power-up
RESERVED = 0
AUDIOEN = 1, I2S channel enabled
PRNG = 11, automatically detect the pixel clock range
SRNG = 11, automatically detect serial-data rate
0x03
0x00
AUTOFM = 00, calibrate spread-modulation rate only once after locking
RESERVED = 0
SDIV = 00000, autocalibrate sawtooth divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com