Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5550 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SC5550
Description  High-Speed Switching Application for Inverter Lighting
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5550 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SC5550 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 3Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 4Page - Toshiba Semiconductor 2SC5550 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SC5550
2004-07-26
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
VBE (sat) – IC
Collector current IC (A)
VCE (sat) – IC
Collector current IC (A)
VCE (sat) – IC
VBE (sat) – IC
Collector current IC (A)
Collector current IC (A)
0
1.2
0
2
4
6
10
12
8
0.4
0.8
1.6
2
Common emitter
Tc = 25°C
800
1400
200
1000
50
100
400
600
IB = 20 mA
1200
0.001
0.1
0.3
1
30
0.01
0.03
1
Tc = −55°C
25
100
0.003
0.1
0.3
3
10
3
Common emitter
IC/IB = 8
0.001
0.1
0.3
1
30
0.01
0.03
1
Tc = −55°C
25
100
0.003
0.1
0.3
3
10
3
Common emitter
IC/IB = 2
0.001
1
3
10
300
0.01
0.03
1
Common emitter
VCE = 5 V
Tc = −55°C
25
100
0.003
0.1
0.3
3
100
30
Common emitter
IC/IB = 8
0
0
Tc = 100°C
25
−55
10
2
4
6
0.2
0.4
0.6
0.8
8
Common emitter
IC/IB = 2
Tc = 100°C
25
−55
2
4
6
8
10
0
0
0.8
1.2
1.6
0.4
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com