Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5684 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC5684
Description  Switching Regulator and High-Voltage Switching
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC5684 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC5684 Datasheet HTML 1Page - Toshiba Semiconductor 2SC5684 Datasheet HTML 2Page - Toshiba Semiconductor 2SC5684 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SC5684
2004-07-26
1
TOSHIBA Transistor Silicon NPN Triple Diffused Type
2SC5684
Switching Regulator and High-Voltage Switching
Applications
• Excellent switching times (IC = 0.3 A)
: tr = 0.7 µs (max), tf = 0.5 µs (max)
• High collector breakdown voltage: VCEO = 800 V
• High-speed DC-DC converter applications
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
900
V
Collector-emitter voltage
VCEO
800
V
Emitter-base voltage
VEBO
7
V
DC
IC
0.8
Collector current
Pulse
ICP
1.5
A
Base current
IB
0.4
A
Collector power dissipation
PC
1.8
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 720 V, IE = 0
―
―
100
µA
Emitter cut-off current
IEBO
VEB = 7 V, IC = 0
―
―
1
mA
Collector-base breakdown voltage
V (BR) CBO
IC = 1 mA, IE = 0
900
―
―
V
Collector-emitter breakdown voltage
V (BR) CEO
IC = 10 mA, IB = 0
800
―
―
V
hFE (1)
VCE = 5 V, IC = 1 mA
10
―
―
DC current gain
hFE (2)
VCE = 5 V, IC = 0.08 A
15
―
60
Collector-emitter saturation voltage
VCE (sat)
IC = 0.3 A, IB = 0.06 A
―
―
1.0
V
Base-emitter saturation voltage
VBE (sat)
IC = 0.3 A, IB = 0.06 A
―
―
1.2
V
Rise time
tr
―
―
0.7
Storage time
tstg
―
―
4.5
Switching time
Fall time
tf
IB1 = 0.06 A, IB2 = −0.12 A
Duty cycle ≤ 1%
―
―
0.5
µs
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-10T1A
Weight: 1.5 g (typ.)
20 µs
VCC ≈ 360 V
Output
IB2
IB1
Input


Similar Part No. - 2SC5684

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5684 TOSHIBA-2SC5684 Datasheet
129Kb / 3P
SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
More results

Similar Description - 2SC5684

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5465 TOSHIBA-2SC5465 Datasheet
168Kb / 4P
SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
2SC5562 TOSHIBA-2SC5562 Datasheet
131Kb / 3P
SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
2SC5684 TOSHIBA-2SC5684 Datasheet
129Kb / 3P
SWITCHING REGULATOR AND HIGH VOLTAGE SWITCHING APPLICATIONS
logo
ON Semiconductor
MC33362 ONSEMI-MC33362_06 Datasheet
445Kb / 14P
High Voltage Switching Regulator
April, 2005 ??Rev. 6
MC33365 ONSEMI-MC33365_06 Datasheet
363Kb / 11P
High Voltage Switching Regulator
July, 2006??Rev. 4
logo
Toshiba Semiconductor
2SC5465 TOSHIBA-2SC5465_05 Datasheet
170Kb / 4P
Switching Regulator and High Voltage Switching
2SC5562 TOSHIBA-2SC5562_04 Datasheet
102Kb / 3P
Switching Regulator and High-Voltage Switching
logo
ON Semiconductor
MC33363A ONSEMI-MC33363A_10 Datasheet
559Kb / 13P
High Voltage Switching Regulator
November, 2010 -- Rev. 8
MC33363B ONSEMI-MC33363B_10 Datasheet
328Kb / 11P
High Voltage Switching Regulator
November, 2010 -- Rev. 9
MC33363B ONSEMI-MC33363B_15 Datasheet
211Kb / 11P
High Voltage Switching Regulator
February, 2015 ??Rev. 11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com