Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7084N Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7084N
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7084N Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7084N Datasheet HTML 1Page - LSI Computer Systems LS7084N Datasheet HTML 2Page - LSI Computer Systems LS7084N Datasheet HTML 3Page - LSI Computer Systems LS7084N Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
7083N/84N-121206-3
The information included herein is believed to be
accurate and reliable. However, LSI Computer Systems,
Inc. assumes no responsibilities for inaccuracies, nor for
any infringements of patent rights of others which may
result from its use.
CLOCK
AND
DIRECTION
DECODE
DUAL
ONE-SHOT
DUAL
ONE-SHOT
CURRENT
MIRROR
FILTER
FILTER
A
B
MODE
V DD
VSS
MUX
x4 CLOCK
x1 CLOCK
UP/DN
8
7
UPCK or CLK
DNCK or UP/DN
1
4
5
6
2
3
FIGURE 3. LS7083N/LS7084N BLOCK DIAGRAM
RBIAS
+V
-V
x2 CLOCK
FORWARD
REVERSE
TPW
TOW
TPS
TDS
2
4
1
4
2
2
4
1
4
2
2
4
1
4
2
2
4
1
4
2
A
B
UPCLK
(7083N)
DNCLK
(7083N)
CLK
(7084N)
UP/DN
(7084N)
TPS
NOTE: Output clocks labeled 1, 2 and 4 have the following interpretations.
1. Generated in x1, x2 and x4 modes.
2. Generated in x2 and x4 modes only.
3. Generated in x4 mode only.
FIGURE 2. LS7083N / LS7084N INPUT / OUTPUT TIMING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com