Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7184N Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7184N
Description  QUADRATURE CLOCK CONVERTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7184N Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7184N Datasheet HTML 1Page - LSI Computer Systems LS7184N Datasheet HTML 2Page - LSI Computer Systems LS7184N Datasheet HTML 3Page - LSI Computer Systems LS7184N Datasheet HTML 4Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNITS
DC Supply Voltage
VDD - VSS
16.0
V
Voltage at any input
VIN
VSS - 0.3 to VDD + 0.3
V
Operating temperature
TA
-20 to +85
°C
Storage temperature
TSTG
-55 to +150
°C
7183N/84N-040609-2
DC ELECTRICAL CHARACTERISTICS:
(Unless otherwise specified VDD = 3V to 12V and TA = -20°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITON
Supply Voltage
VDD
3.0
-
12
V
-
Supply current
IDD
-
185
200
µA
VDD = 12V, All input
frequencies = 0Hz and
RBIAS = 2M
MODE input:
Logic 0
Vml
-
-
0.5
V
-
Logic 1
Vmh
VDD - 0.5
-
-
V
-
Logic float
Vmf
(VDD /2) - 0.5
VDD /2
(VDD /2) + 0.5
V
-
Logic 0 input current
Iml
-
2.2
4.2
µA
VDD = 3V
Iml
-
3.5
6.9
µA
VDD = 5V
Iml
-
8.3
16.2
uA
VDD =12V
Logic 1 input current
Imh
-
-2.0
-9.8
µA
VDD = 3V
Imh
-
-3.4
-6.6
µA
VDD = 5V
Imh
-
-8.2
-16
µA
VDD = 12V
A, B inputs:
Logic 0
VABl
-
-
0.25VDD
V
-
Logic 1
VABh
0.7VDD
-
-
V
-
Input current
IABlk
-
0
10
nA
-
RBIAS input:
External resistor
RB
2k
-
10M
Ohm
-
All outputs:
Sink current
Iol
-
-3.4
-
mA
Vo = 0.5V, VDD = 3V
Iol
-
-4.8
-
mA
Vo = 0.5V, VDD = 5V
Iol
-
-7.2
-
mA
Vo = 0.5V, VDD = 12V
Source current
Ioh
-
1.7
-
mA
Vo = 2.5V, VDD = 3V
Ioh
-
2.2
-
mA
Vo = 4.5V, VDD = 5V
Ioh
-
3.1
-
mA
Vo = 11.5V, VDD = 12V
TRANSIENT CHARACTERISTICS
(TA = -20°C to +85°C)
PARAMETER
SYMBOL
MIN
TYPE
MAX
UNITS
CONDITON
Output Clock Pulse Width
TOW
190
-
-
ns
See Fig. 2
A, B inputs:
Validation Delay
TVD
-
50
100
ns
VDD = 3V
TVD
-
25
50
ns
VDD = 5V
TVD
-
11
21
ns
VDD = 12V
Phase Delay
TPS
TVD + TOW
-
Infinite
s
-
Pulse Width
TPW
2TPS
-
Infinite
s
-
Frequency
fA, B
-
-
1/(2TPW)
Hz
-
Inupt to Output Delay
TDS
-
213
270
ns
VDD = 3V
TDS
-
133
150
ns
VDD = 5V
TDS
-
78
63
ns
VDD = 12V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com