Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC662EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC662EVB
Description  Backlight Driver for 6 LEDs with SemPulse짰 Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC662EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC662EVB Datasheet HTML 9Page - Semtech Corporation SC662EVB Datasheet HTML 10Page - Semtech Corporation SC662EVB Datasheet HTML 11Page - Semtech Corporation SC662EVB Datasheet HTML 12Page - Semtech Corporation SC662EVB Datasheet HTML 13Page - Semtech Corporation SC662EVB Datasheet HTML 14Page - Semtech Corporation SC662EVB Datasheet HTML 15Page - Semtech Corporation SC662EVB Datasheet HTML 16Page - Semtech Corporation SC662EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SC662
13
Charge Pump Efficiency
Efficiency of the charge pump is defined as
IN
IN
OUT
OUT
I
V
I
V
The input current is equal to the output current multiplied
by the charge pump mode plus the quiescent current I
IN =
I
OUT x Mode + IQ, and the output current is equal to the sum
of all backlight currents.
Mode
I
I
BLn
6
1
n
OUT
V
OUT, IOUT, VIN, IIN, IQ, and IBLn are terms from the electrical
characteristics section. “Mode” is the active boost ratio of
the charge pump, equal to 1, 1.5, or 2. Efficiency plots in
the Typical Characteristics section provide charge pump
efficiency data labeled with “Charge Pump”.
Efficiency of the power conversion to the LEDs is defined as
IN
IN
BLn
Fn
6
1
n
I
V
)
I
V
(
V
F1 through VF6 are the forward voltages of the LEDs. IBL1
through I
BL6 are the regulated backlight sink currents
flowing in the LEDs. Efficiency plots in the Typical
Characteristics section provide LED backlight efficiency
data labeled with “Backlight”.
Backlight Quiescent Current
The quiescent current required to operate all backlights is
reduced when each backlight current is set to 5.0mA or
less. This low-current mode feature results in improved
efficiency under light-load conditions, saving approxi-
mately 350µA of bias current. Low-current mode disables
and bypasses the internal LDO when the charge pump is
in 1x mode, connecting the LED anodes to the supply at
V
IN. Further reduction in quiescent current will result from
using fewer than the maximum number of LEDs.
LED Banks
The LEDs can be grouped in up to three independently
controlled LED banks. Using the SemPulse interface, the
six LED drivers can be grouped as described in the
Backlight Grouping Configuration subsection. The banks
can be used to provide up to three different current
options. This can be useful for controlling keypad, display,
and auxiliary backlight operation from one SC662 device.
The LED banks provide versatility by allowing backlights
to be controlled independently. For example, applications
that have a main and sub display may also need to supply
an indicator LED. The three bank option allows the SC662
to control each function with different current settings.
Another application involves backlighting two displays
and a keypad, each requiring different brightness settings.
A third scenario requires supplying different brightness
levels to different types of LEDs (such as RGB) to create
display effects. In all applications, the brightness level for
each LED can be set independently.
Backlight Fade-in / Fade-out Function
The SC662 contains register bits that control the fade state
of the main bank. When enabled, the fade function causes
the main backlights to change brightness by stepping the
current incrementally until the target backlight current is
reached. Fade begins immediately after the target back-
light current is stored in its register. Fade may be enabled
for the main bank only. Sub and third banks do not fade.
In addition to the 32 programmable backlight current
values, there are also 75 non-programmable current steps.
The non-programmable steps are active only during a fade
operation to provide for a very smooth change in backlight
brightness. Backlight current steps proceed at a program-
mable fade rate of 2, 4, or 6ms.The exact length of time used
to fade between any two backlight values is determined by
multiplying the fade rate by the number of steps between
the old and new backlight values. The fade time can be cal-
culated from the data provided in Table 1 on page 15.
Figures 2 through 6 on page 16 provide additional infor-
mation about the fade process. Each figure represents
one linear segment of the overall fade range shown in
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com