Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HFC Datasheet(PDF) 1 Page - Tyco Electronics

Part # HFC
Description  COMMERCIAL/INDUSTRIAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

HFC Datasheet(HTML) 1 Page - Tyco Electronics

  HFC Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CONTACT RATINGS
CONTACT
TYPE
OPERATIONS
LOAD
MIN.
2 A @ 28 Vdc
Resistive
100,000
HFC4A
4 A @ 28 Vdc
Resistive
100,000
HFC5A
5 A @ 28 Vdc
Resistive
100,000
0.75 A @ 28 Vdc
Inductive (200 mH)
100,000
0.3 A @ 115 Vac, 60 Hz & 400 Hz
Resistive
100,000
STANDARD COIL DATA
NOM. COIL
COIL
PICKUP
PICKUP
NOM. COIL
MAX.
COIL
VOLTAGE
RESISTANCE
VOLTAGE
VOLTAGE
POWER
COIL
DESIG.
(Vdc)
IN OHMS
Vdc (MAX.)
Vdc (MAX.)
(W)
VOLTAGE
± 20% @ 25°C
@ 25°C
@ 85°C
@ 25°C
5.0
27
3.0
3.7
.92
6.0
L
6.0
40
3.6
4.5
.90
7.5
F
12.0
160
7.2
8.9
.90
15.0
G
26.5
700
16.0
19.7
1.00
32.0
K
HFC
COMMERCIAL/INDUSTRIAL
HALF SIZE RELAY
FEATURES
■ Hermetically sealed
■ Up to 5 amps switching
■ Economical configuration
■ Optional terminals
& mounting styles
HFC
OPERATING CHARACTERISTICS
TIMING
Operate Time:
6.0 ms max.
Release Time:
6.0 ms max.
DIELECTRIC WITHSTANDING VOLTAGE
Between Open Contacts:
350 Vrms 60 Hz
Between Adjacent Contacts:
500 Vrms 60 Hz
Between Contacts and Coil:
500 Vrms 60 Hz
INSULATION RESISTANCE
1,000 megohms min @ 500 Vdc
ENVIRONMENTAL CHARACTERISTICS
TEMPERATURE RANGE
-55°C to +85°C
WEIGHT
0.46 oz. (13 gms) max.
VIBRATION RESISTANCE
10 G’s, 10 to 500 Hz
SHOCK RESISTANCE
30 G’s, 6 ±1 ms
ELECTRICAL CHARACTERISTICS
CONTACT ARRANGEMENT
2 Form C (DPDT)
CONTACT MATERIAL
Stationary:
Bifurcated hardened silver alloy
Moveable:
Gold plated hardened alloy
CONTACT RESISTANCE
Before Life: 50 milliohms max.
(measured at 10 mA @ 6 Vdc)
After Life: 100 milliohms max.
(measured @ 2 A @ 28 Vdc)
MECHANICAL LIFE EXPECTANCY
10 million operations
COIL VOLTAGE
5 to 26.5 Vdc
COIL POWER
1.4 watts max.@ 25°C
DUTY CYCLE
Continuous
PICK-UP VOLTAGE
Approximately 60% of
nominal coil voltage
PICK-UP SENSITIVITY
360 mW
BLUE BEAD
MOUNTING STYLES
TERMINALS
CL
.200
(5.08)
.600
(15.24)
.400
(10.16)
CL
.030 RAD.
(.76)
.190 MAX
(4.83)
BLUE BEAD
.200
(5.08)
.400
(10.16)
CL
CL
.030 +.008 –.006
(.76 +.003 –.002)
.187
±.020
(4.75
±.51)
.600
(15.24)
BLUE BEAD
.030 +.008 –.006
(.76 +.003 –.002)
1.062 (26.97)
1.078 (27.38)
1.062 (26.97)
CL
CL
CL
.020
(.51)
CL
.020
(.51)
.125
±.010
(3.18
±.25)
.410 MAX
(10.41)
.410 MAX
(10.41)
.410 MAX
(10.41)
.410 MAX
(10.41)
.410 MAX
(10.41)
.120
±.002
(3.05
±.05)
CL
CL
.250
±.010
(6.35
±.25)
.810 MAX (20.57)
.810 MAX (20.57)
1.320 MAX (33.53)
.810 MAX (20.57)
1.320 MAX
(33.53)
1.078 (27.38)
.410 MAX
(10.41)
.120
±.002
(3.05
±.05)
01
30
31
12
11
SPECIFYING A PART NUMBER EXAMPLE
:
TYPE
TERMINALS
MOUNTINGS
COILS
FEATURES
HFC
12
30
K
00
32
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
TERMINAL VIEW


Similar Part No. - HFC

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
HFC-10 PENTAIR-HFC-10 Datasheet
316Kb / 2P
DELIMING SYSTEM FOR WAREWASHING EQUIPMENT
logo
Advanced Thermal Soluti...
HFC-100 ATS-HFC-100 Datasheet
528Kb / 1P
HEAT FLUX CONTROLLER
R4_0215
logo
Monolithic Power System...
HFC0100 MPS-HFC0100 Datasheet
290Kb / 15P
QUASI RESONANT CONTROLLER
HFC0100HS MPS-HFC0100HS Datasheet
290Kb / 15P
QUASI RESONANT CONTROLLER
HFC0100HS MPS-HFC0100HS Datasheet
241Kb / 6P
Quasi Resonant Controller
More results

Similar Description - HFC

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA311 INTERSIL-CA311 Datasheet
486Kb / 8P
Voltage Comparator For Commercial Industrial Applications
logo
ITT Industries
M83723 ITT-M83723 Datasheet
69Kb / 1P
Circular; Aerospace Commercial Industrial Military
logo
List of Unclassifed Man...
WMF05S82K-F ETC2-WMF05S82K-F Datasheet
185Kb / 2P
Commercial, Industrial Applications
logo
Ohmite Mfg. Co.
HSN100FR05E OHMITE-HSN100FR05E Datasheet
201Kb / 1P
HSN100FR05E Wirewound, Industrial/Commercial Grade
logo
Tyco Electronics
SHC MACOM-SHC Datasheet
82Kb / 2P
GRID SURFACE MOUNT COMMERCIAL/INDUSTRIAL RELAYS
logo
AVX Corporation
NP30 AVX-NP30 Datasheet
401Kb / 10P
Commercial, Industrial and Automotive Applications
logo
Nanya Technology Corpor...
NT5AD1024M4D3 NANYA-NT5AD1024M4D3 Datasheet
11Mb / 293P
Commercial and Industrial DDR4 4Gb SDRAM
NT5AD2048M4A3 NANYA-NT5AD2048M4A3 Datasheet
13Mb / 296P
Commercial and Industrial DDR4 8Gb SDRAM
NT5TU64M8FE NANYA-NT5TU64M8FE Datasheet
3Mb / 107P
Commercial and Industrial DDR2 512Mb SDRAM
logo
Greenliant systems
GLS86FPXXXX3 GREENLIANT-GLS86FPXXXX3 Datasheet
438Kb / 7P
Industrial / Commercial Temp mSATA ArmourDrive
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com