Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAD Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAD
Description  TO-5 HIGH-PERFORMANCE RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAD Datasheet(HTML) 2 Page - Tyco Electronics

  MAD Datasheet HTML 1Page - Tyco Electronics MAD Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
.370 (9.40) SQ MAX
.100 (2.54)
.100 (2.54)
.103 (2.62)
.150 (3.81)
.156 (3.96)
.395 (10.03) SQ MAX
.100 (2.54)
0.47 (1.19) DIA
.014
±.003 (0.36)
.140 – .175 DIA
(3.56 – 4.45)
9
COIL DATA
NOM.
COIL
COIL CIRCUIT
COIL CIRCUIT
PICKUP
BASE TURN
PICKUP
BASE TURN
DROP-OUT
DROP-OUT
NOM. COIL
MAX.
COIL
COIL
RESISTANCE
CURRENT
CURRENT
VOLTAGE
ON CURRENT
VOLTAGE
ON CURRENT
VOLTAGE
VOLTAGE
POWER
COIL
DESIG.
VOLTAGE
IN OHMS
mA (MAX.)
mA (MIN.)
Vdc (MAX.)
mA (MAX.)
Vdc (MAX.)
mA (MAX.)
Vdc (MIN.)
Vdc (MIN.)
(mW)
VOLTAGE
(Vdc)
±10% @ 25°C
@ 25°C
@ 25°C
@ 125°C
@ 125°C
@ 25°C
@ -65°C
@ 25°C
(Note 1)
(Note 1&2)
(Note 1&2)
(Note 2)
(Note 2)
(Note 2)
(Note 2)
MA/MAD
5.0
50
n/a
n/a
2.7
n/a
3.5
n/a
0.22
0.14
500
5.8
5
6.0
98
n/a
n/a
3.5
n/a
4.5
n/a
0.28
0.18
367
8.0
6
9.0
220
n/a
n/a
5.3
n/a
6.8
n/a
0.54
0.35
368
12.0
9
12.0
390
n/a
n/a
7.0
n/a
9.0
n/a
0.63
0.41
369
16.0
12
18.0
880
n/a
n/a
10.5
n/a
13.5
n/a
0.91
0.59
368
24.0
18
26.5
1,560
n/a
n/a
14.2
n/a
18.0
n/a
1.37
0.89
450
32.0
26
30.0
2,500
n/a
n/a
17.7
n/a
22.0
n/a
1.50
1.00
360
36.0
30
MADD
5.0
39
128.2
93.2
3.2
n/a
4.0
n/a
0.6
0.6
641
5.8
5
6.0
78
78.3
58.3
4.0
n/a
5.0
n/a
0.7
0.7
462
8.0
6
9.0
220
42.9
33.0
6.3
n/a
7.8
n/a
0.9
0.8
368
12.0
9
12.0
390
32.8
25.6
8.0
n/a
10.0
n/a
1.1
0.9
369
16.0
12
18.0
880
22.1
17.5
11.5
n/a
14.5
n/a
1.4
1.1
368
24.0
18
26.5
1,560
18.5
14.8
15.2
n/a
19.0
n/a
1.8
1.4
450
32.0
26
MAT
5.0
50
112.1
82.2
2.7
0.75
3.5
3.00
0.22
0.14
500
5.8
5
6.0
98
69.9
52.9
3.5
0.55
4.5
2.04
0.28
0.18
367
8.0
6
9.0
220
47.4
35.3
5.3
0.36
6.8
1.36
0.54
0.35
368
12.0
9
12.0
390
35.8
26.6
7.0
0.27
9.0
1.03
0.63
0.41
369
16.0
12
18.0
880
24.0
17.9
10.5
0.16
13.5
0.68
0.91
0.59
368
24.0
18
26.5
1,560
19.8
14.7
14.2
0.13
18.0
0.50
1.37
0.89
450
32.0
26
Note 1: Coil resistance not directly measurable. Coil current should be within limits shown when tested at nominal voltage at 25°C for 5 seconds max.
Note 2: Set base current at 3 mA to 15 mA during measurements.
OPERATING CHARACTERISTICS
TIMING
OperateTime:
2.0 ms max.
ReleaseTime:
MA: 1.5 ms max.
MAD/MADD: 4.0 ms max.
(suppression diode,
suppression/steering diodes)
MAT: 7.5 ms max.
(transistor driven)
CONTACT BOUNCE
1.5 ms max
DIELECTRIC WITHSTANDING VOLTAGE
Between Open Contacts:
500 Vrms 60 Hz
Between Adjacent Contacts:
500 Vrms 60 Hz
Between Contacts & Coil:
500 Vrms 60 Hz
INSULATION RESISTANCE
10,000 megohms min. @ 500 Vdc
1,000 megohms @ 500 Vdc
(coil to case @ +125°C)
ENVIRONMENTAL CHARACTERISTICS
TEMPERATURE RANGE
-65°C to +125°C
WEIGHT
0.09 oz. (2.55 gms)
0.10 oz. (2.80 gms) with spreader
pad attached
VIBRATION RESISTANCE
30 G’s, 10 to 3,000 Hz
SHOCK RESISTANCE
75 G’s, 6 ±1 ms max.
QPL APPROVAL
MIL-R-39016/9 (JMA)
MIL-R-39016/15 (JMAD)
MIL-R-39016/20 (JMADD)
MIL-R-28776/1 (JMAT)
SEMICONDUCTOR CHARACTERISTICS
DIODE
100 Vdc peak inverse voltage (PIV)
1.0 Vdc max. transient voltage
TRANSISTOR
0.3 Vdc min. base turn off voltage
6.0 Vdc min. emitter-base
breakdown voltage (BVEBO) @ 25°C
80.0 Vdc min. collector-base
breakdown voltage (BVCBO) @ 25°C
& IC=100 µA
S
S2
W
SPREADER & MOUNTING PADS
DIODES
SPECIFYING A PART NUMBER EXAMPLE
:
TYPE
TERMINALS
TRANSISTOR
GROUND PINS
COILS
SPREADER
/MOUNTING PADS
MA
C
D
G
-26
S



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com