Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADD Datasheet(PDF) 1 Page - Tyco Electronics

Part # MADD
Description  TO-5 HIGH-PERFORMANCE RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADD Datasheet(HTML) 1 Page - Tyco Electronics

  MADD Datasheet HTML 1Page - Tyco Electronics MADD Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MA
STANDARD TO-5
HIGH-PERFORMANCE RELAY
QUALIFIED TO
MIL-R-39016/9
FEATURES
■ Hermetically sealed
■ High shock & vibration
ratings
■ Spreader pads
■ Excellent RF switching
MAD
STANDARD TO-5
DIODE SUPPRESSED
HIGH-PERFORMANCE RELAY
QUALIFIED TO
MIL-R-39016/15
FEATURES
■ Suppression diode
■ Hermetically sealed
■ High shock & vibration
ratings
■ Spreader pads
■ Excellent RF switching
MAT
STANDARD TO-5 DIODE
SUPPRESSED/TRANSISTOR DRI-
VEN HIGH-PERFORMANCE
RELAY
QUALIFIED TO
MIL-R-28776/1
FEATURES
■ Transistor driver &
suppression diode
■ Hermetically sealed
■ High shock & vibration
ratings
■ Spreader pads
■ Excellent RF switching
MADD
STANDARD TO-5 DIODE
SUPPRESSED/PROTECTED
HIGH-PERFORMANCE RELAY
QUALIFIED TO
MIL-R-39016/20
FEATURES
■ Suppression &
protection diodes
■ Hermetically sealed
■ High shock & vibration
ratings
■ Spreader pads
■ Excellent RF switching
X1
X2
A2
B2
A1
B1
A3
B3
X2
X1
A2
B2
A1
B1
A3
B3
–+
X2
X1
A2
B2
A1
B1
A3
B3
–+
X2
X1
A2
B2
A1
B1
A3
B3
XB
–+
8
CONTACT RATINGS
CONTACT
TYPE
OPERATIONS
LOAD
MIN.
1.0 A @ 28 Vdc
Resistive
100,000
250 mA @ 115 Vac, 60 Hz & 400 Hz Resistive (case not grounded)
100,000
100 mA @ 115 Vac, 60 Hz & 400 Hz Resistive
100,000
0.2 A @ 28 Vdc
Inductive (0.32 Henry)
100,000
0.1 A @ 28 Vdc
Lamp
100,000
30 µA @ 50 mVdc
Low Level
1,000,000
0.1 A @ 28 Vdc
Intermediate Current
50,000
ELECTRICAL CHARACTERISTICS
CONTACT ARRANGEMENT
2 Form C (DPDT)
CONTACT MATERIAL
Stationary:
Gold/platinum/palladium/silver
alloy (gold plated)
Moveable:
Gold/platinum/palladium/silver
alloy (gold plated)
CONTACT RESISTANCE
Before Life: 100 milliohms max.
(measured @ 10 mA @ 6 Vdc)
After Life: 200 milliohms max.
(measured @ 1 A @ 28 Vdc)
MECHANICAL LIFE EXPECTANCY
1 million operations
COIL VOLTAGE
5 to 30 Vdc
COIL POWER
675 mW max. @ 25°C
DUTY CYCLE
Continuous
PICK-UP VOLTAGE
Approximately 50% of
nominal coil voltage
PICK-UP SENSITIVITY
130 mW max. @ 25°C
OPTIONAL PINS
.280 (7.11)
MAX
.335 (8.51) DIA MAX
.370 (9.40) DIA MAX
.017
(0.43) DIA
+.002
-.001
.370 (9.40) DIA MAX
GROUND PIN
(OPTIONAL)
.031
±.003 (0.79)
36
° ± 3°
.035 (0.89)
.200 (5.08)
DIA
TRANSISTOR
BASE
CONNECTION
(MAT ONLY)
ENCLOSURE
HEADER
MA ■ MAD ■ MADD ■ MAT
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
TERMINAL VIEW
TERMINAL VIEW
TERMINAL VIEW
TERMINAL VIEW
TERMINALS
W 1.500 MIN (38.1)
C .500 MIN (12.7)
P .187±.010 (4.75±.25)
(Length excludes mounting pad)
CII Products, 1396 Charlotte Hwy. P.O. Box 520 Fairview, NC 28730 (828) 628-1711 Fax(828) 628-1439


Similar Part No. - MADD

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
MADDT1105 PANASONICBATTERY-MADDT1105 Datasheet
1Mb / 27P
Technical reference AC Servo Motor & Driver
MADDT1107 PANASONICBATTERY-MADDT1107 Datasheet
1Mb / 27P
Technical reference AC Servo Motor & Driver
MADDT1110 PANASONICBATTERY-MADDT1110 Datasheet
1Mb / 27P
Technical reference AC Servo Motor & Driver
MADDT1115 PANASONICBATTERY-MADDT1115 Datasheet
1Mb / 27P
Technical reference AC Servo Motor & Driver
MADDT1120 PANASONICBATTERY-MADDT1120 Datasheet
1Mb / 27P
Technical reference AC Servo Motor & Driver
More results

Similar Description - MADD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RF300 ETC1-RF300 Datasheet
283Kb / 4P
HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
logo
Tyco Electronics
HFW MACOM-HFW Datasheet
86Kb / 2P
HALF SIZE HIGH PERFORMANCE RELAYS
MFW MACOM-MFW Datasheet
82Kb / 1P
HIGH PERFORMANCE RELAYS
MGA MACOM-MGA Datasheet
96Kb / 2P
GRID HIGH-PERFORMANCE RELAYS
MGS MACOM-MGS Datasheet
96Kb / 2P
GRID HIGH-PERFORMANCE RELAYS
MSD MACOM-MSD Datasheet
95Kb / 2P
HIGH-PERFORMANCE RELAYS
HFW1106K12 MACOM-HFW1106K12 Datasheet
101Kb / 3P
HALF SIZE HIGH PERFORMANCE RELAYS
HFW1130K06 MACOM-HFW1130K06 Datasheet
122Kb / 2P
Military/Aerospace High Performance Relays
HFW1201K00 MACOM-HFW1201K00 Datasheet
92Kb / 2P
Military Aerospace High Performance Relays
logo
Teledyne Technologies I...
RF300 TELEDYNE-RF300 Datasheet
874Kb / 8P
HIGH REPEATABILITY BROADBAND TO-5 RELAYS DPDT
07/2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com