Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGS Datasheet(PDF) 2 Page - Tyco Electronics

Part # MGS
Description  GRID HIGH-PERFORMANCE RELAYS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MGS Datasheet(HTML) 2 Page - Tyco Electronics

  MGS Datasheet HTML 1Page - Tyco Electronics MGS Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Tyco Electronics Corporation www.tycoelectronics.com 800-522-6752 (U.S.A.) or 717-564-0100 Specifications subject to change. CII and TYCO are trademarks. ©2003 by Tyco Electronics Corporation
19
OPERATING CHARACTERISTICS
TIMING
OperateTime:
4.0 ms max.
Release Time:
MGS: 2.0 ms max.
MGSD/MGSDD: 7.5 ms max.
(suppression diode, protection/sup-
pression diodes)
MGST: 7.5 ms max.
(suppression/zener diodes)
CONTACT BOUNCE
1.5 ms max.
DIELECTRIC WITHSTANDING VOLTAGE
Between Open Contacts:
500 Vrms 60 Hz
Between Adjacent Contacts:
500 Vrms 60 Hz
Between Contacts & Coil:
500 Vrms 60 Hz
INSULATION RESISTANCE
10,000 megohms min. @ 500 Vdc
1,000 megohms @ 500 Vdc
(coil to case @ +125°C)
ENVIRONMENTAL CHARACTERISTICS
TEMPERATURE RANGE
-65°C to +125°C
WEIGHT
0.09 oz. (2.55 gms)
0.129 oz. (3.45 gms) w/ mounting
pad attached
VIBRATION RESISTANCE
30 G’s, 10 to 3,000 Hz
SHOCK RESISTANCE
75 G’s, 6 ±1 ms max.
QPL APPROVAL
MIL-R-39016/41 (JMGS)
MIL-R-39016/42 (JMGSD)
MIL-R-39016/43 (JMGSDD)
MIL-R-28776/7 (JMGST)
SEMICONDUCTOR CHARACTERISTICS
DIODE
100 Vdc peak inverse voltage (PIV)
1.0 Vdc max. transient voltage
ZENER DIODE
20 Vdc ±3 Vdc over temperature
range
MOSFET
0.5 Vdc min. gate turn off voltage
4.3 Vdc max. gate turn on voltage
.140– .175 DIA
(3.56–4.45)
0.47 (1.19) DIA
.014
±.003 (0.36)
.140– .170
(3.56–4.32)
.094 (2.39) DIA
.256
(6.50)
FULL R
2 PLS
.014 (0.36)
MGS/MGSD/MGSDD
MOUNTING PAD
MGST
MOUNTING PAD
COIL DATA
NOM.
COIL
COIL CIRCUIT
COIL CIRCUIT
PICKUP
PICKUP
DROP-OUT
DROP-OUT
NOM. COIL
MAX.
COIL
COIL
RESISTANCE
CURRENT
CURRENT
VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
POWER
COIL
DESIG.
VOLTAGE
IN OHMS
mA (MAX.)
mA (MIN.)
Vdc (MAX.)
Vdc (MAX.)
Vdc (MIN.)
Vdc (MIN.)
(mW)
VOLTAGE
(Vdc)
±10% @ 25°C
@ 25°C
@ 125°C
@ 25°C
@ -65°C
@ 25°C
(Note)
(Note)
(Note)
MGS/MGSD
5.0
100
n/a
n/a
2.6
3.5
0.23
0.12
250
7.5
5
6.0
200
n/a
n/a
3.4
4.5
0.28
0.18
180
10.0
6
9.0
400
n/a
n/a
4.85
6.8
0.55
0.35
203
15.0
9
12.0
800
n/a
n/a
7.0
9.0
0.64
0.41
180
20.0
12
18.0
1,600
n/a
n/a
9.8
13.5
0.92
0.59
203
30.0
18
26.5
3,200
n/a
n/a
14.0
18.0
1.4
0.89
219
40.0
26
36.0
6,500
n/a
n/a
20.0
27.0
1.8
1.25
199
57.0
36
48.0
11,000
n/a
n/a
25.8
36.0
2.4
1.60
209
75.0
48
MGSDD
5.0
64
78.1
56.8
2.9
3.7
0.8
0.7
391
7.5
5
6.0
125
48.9
36.3
4.0
4.8
0.9
0.8
288
10.0
6
9.0
400
23.6
18.1
6.1
8.0
1.1
0.9
203
15.0
9
12.0
800
16.0
12.5
7.8
11.0
1.3
1.0
180
20.0
12
18.0
1,600
12.2
9.6
11.3
14.5
1.5
1.1
203
30.0
18
26.5
3,200
9.0
7.2
15.2
19.0
1.7
1.3
219
40.0
26
36.0
6,500
6.1
4.9
21.7
27.2
2.3
1.7
199
57.0
36
48.0
11,000
4.8
3.9
27.8
34.8
2.8
2.0
209
75.0
48
MGST
5.0
100
56.0
43.0
2.9
4.0
0.23
0.13
250
5.6
5
6.0
200
33.0
27.0
3.5
4.9
0.32
0.18
180
8.0
6
9.0
400
26.4
17.8
5.3
7.3
0.48
0.27
203
12.0
9
12.0
800
17.7
11.3
7.1
9.8
0.65
0.36
180
16.0
12
18.0
1,600
13.8
8.4
10.6
14.6
0.97
0.54
203
24.0
18
26.5
3,200
10.2
5.8
14.2
19.5
1.30
0.72
219
32.0
26
Note: Coil resistance not directly measurable. Coil current should be within limits shown when tested at nominal voltage at 25°C for 5 seconds max.
DIODES
SPECIFYING A PART NUMBER EXAMPLE
:
TYPE
TERMINALS
TRANSISTOR
GROUND PINS
COILS
MOUNTING PADS
MGS
C
D
G
-26
W
W
W



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com