Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS18-1006 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MS18-1006
Description  High Performance Solid State Relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MS18-1006 Datasheet(HTML) 2 Page - Tyco Electronics

  MS18-1006 Datasheet HTML 1Page - Tyco Electronics MS18-1006 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
MS18-1006 High Performance Solid State Relay
DC & bi-directional solid state relay for loads up to 2A @ 80Vdc
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
Figure 2 - Temperature Derating Curves
Series Configuration
Parallel Configuration
AMBIENT TEMPERATURE (
°C)
5 152535 4555 6575 8595 105 115 125
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
5 152535 4555 6575 8595 105 115 125
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
AMBIENT TEMPERATURE (
°C)
Figure 3 - Turn-on and Turn-off Timing
Figure 4 - Functional Block Diagram
PIN 1 REF
TO 2
PIN 6 TO 4
T(ON)
T(ON)
HIGH
LOW
OFF
ON
90%
10%
FLOATING
POWER
SUPPLY
TIMING
& SIGNAL
COND.
BIAS
RTN
CASE
GND
1
3
2
LINE
RTN
LINE
6
4
5
Figure 5 - Outline Dimensions
0.190 MAX.
(4.83)
0.160
(4.06)
MIN.
0.463 MAX.
(11.76)
0.300
(7.62)
DATE CODE ON
THIS SURFACE
0.020 MAX.
(0.508)
6 PLS
0.017 +.002, –.001
(0.432 +.051, –.025)
0.084
±.005
(2.13
± .127)
0.109
(2.77)
0.200
(5.08)
0.100
(2.54)
0.418
(10.62)
MS18-TBD–PDF–KRG–1-04
Notes
1. An external resistor must be in series with the input at all times.
2. Do not ramp input current. Input transition should be <1.0ms.
3. Input current/series resistor calculation (Approx.): I(input) = VIN – VDROP/RSERIES.
4. Unless otherwise specified parametric testing is accomplished at 25ma input current.
5. To calculate RDS(ON) for tempertures other than 25°C, use the following equation: T(TEMP) = (RDS(ON) at + 25°C) • e(X • ∆T) where x = 0.0065.
6. Inductive loads must be diode suppressed.
7. Continuous load current is rated under conditions of still air.
8. Load may be connected to either side of relay, sink or source modes.
9. Reverse polarity >5Vdc may cause permanent damage
10. Acceptance testing is accomplished in the series (bi-directional) mode.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com