Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR Datasheet(PDF) 2 Page - Tyco Electronics

Part # MSR
Description  High inrush currents with AgSnO contacts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MSR Datasheet(HTML) 2 Page - Tyco Electronics

  MSR Datasheet HTML 1Page - Tyco Electronics MSR Datasheet HTML 2Page - Tyco Electronics MSR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Miniature Power PCB Relay MSR (Continued)
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
1 CO contact, 3.2 mm
1 NO contact, 5 mm
1 CO contact, 3.2 mm
1 NO contact, 5 mm
S0255-AA
S0255-AB
S0255-AH
S0255-AI
S0275-AH
S0275-AA
Insulation
CO contact
NO contact
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 8 / 8 mms
W 8/8mm
Material group of insulation parts
IIIb
IIIb
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
reinforced
open contact circuit
functional
functional
Rated insulation voltage
250 V
250 V
Pollution degree
3
2
3
Rated voltage system
230 V
400 V
230 / 400 V
Overvoltage category
III
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0404
Flammability class according to UL94
V-0
For WG version: GWFI to IEC 60335-1
> 850 °C
GWIT to IEC 60335-1
> 775 °C
Ambient temperature range
-40...+85°C
Operate- / release time
6 / 2,5 ms
Bounce time NO / NC contact
0,5 / 4 ms
Vibration resistance (function) NO / NC contact
10 / 4 g
Shock resistance (function) NO / NC contact
20 / 5 g
Shock resistance (destruction)
100 g
Category of protection
RTII-flux proof; RTIII- wash tight
Mounting
pcb
Mounting position
any
Minimum mounting distance
0 mm
Resistance to soldering heat flux-proof version
270°C / 10 s
wash-tight version
260°C / 5s
Relay weight
11 g
Packaging unit
20 / 1000 pcs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com