Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MW3 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MW3
Description  Microwave Switching, Hermetically Sealed, DPDT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MW3 Datasheet(HTML) 2 Page - Tyco Electronics

  MW3 Datasheet HTML 1Page - Tyco Electronics MW3 Datasheet HTML 2Page - Tyco Electronics MW3 Datasheet HTML 3Page - Tyco Electronics MW3 Datasheet HTML 4Page - Tyco Electronics MW3 Datasheet HTML 5Page - Tyco Electronics MW3 Datasheet HTML 6Page - Tyco Electronics MW3 Datasheet HTML 7Page - Tyco Electronics MW3 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
MW3 / MW4 / MW6 / MW3HP / MW4HP / MW6HP Series Relays
Microwave Switching, Hermetically Sealed, DPDT (Continued)
MW3 & MW3HP Models
3 GHz. Switching
Electrical Characteristics
Contact Arrangement:
2 Form C (DPDT)
Contact Resistance:
Before life: 100 milliohms, max
(measured @ 10mA @ 6VDC.)
After life: 200 milliohms, max
(measured @ 1A @ 28VDC.)
Mechanical Life Expectancy:
10 million operations
Coil Voltages:
5, 12, 18 & 26.5VDC (MW3)
5, 6, 9, 12, 18 & 26.5VDC (MW3HP)
Coil Power (mw max @25°C):
MW3
MW3S MW3HP MW3HPS
675
565
673
563
Duty Cycle:
Continuous
Pick-up Voltage:
MW3: Approx 70% of nominal.
MW3HP: Approx 50% of nominal.
Pick-up Sensitivity (mw max @25°C):
MW3
MW3S MW3HP MW3HPS
180
90
146
68
Contact Ratings
Contact Load
Type
Operations (min.)
1.0A @ 28VDC
Resistive
100,000
200mA @ 28VDC (300mH)*
Inductive
100,000
30µA @ 50mVDC
Low Level
10,000,000
* The inductive rating is only applicable to high performance models (MW3HP and MW3HPS).
Coil Data
MW3 Models
Nominal
Coil Resistance
Pickup Voltage
Nominal
Maximum
Coil
Coil Voltage
In Ohms
VDC (Max.)
Coil Power
Coil
Designator
(VDC)
±20% @ 25°C
@ 25°C
(mw) @ 25°C
Voltage
Standard Coil
5.0
50
3.6
500
5.8
5
12.0
390
8.4
369
16.0
12
18.0
880
13.0
368
24.0
18
26.5
1,560
17.0
450
32.0
26
Sensitive Coil
5.0
100
3.5
250
7.5
5
12.0
850
9.0
169
20.0
12
18.0
1,600
13.5
203
30.0
18
26.5
3,300
18.0
213
40.0
26
MW3HP (High Performance) Models
Nominal
Coil Res.
Pickup V
Release V
Release V
Nominal
Maximum
Coil
Coil Voltage
in Ohms
VDC (Max.)
VDC (Max.)
VDC (Min.)
Coil Power
Coil
Designator
(VDC)
±10% @ 25°C
@25°C
@25°C
@25°C
(mw) @25°C
Voltage
Standard Coil
5.0
50
2.7
1.4
0.22
500
5.8
5
6.0
98
3.5
2.0
0.28
367
8.0
6
9.0
220
5.3
3.0
0.54
368
12.0
9
12.0
390
7.0
4.0
0.63
369
16.0
12
18.0
880
10.5
6.0
0.91
368
24.0
18
26.5
1,560
14.2
8.0
1.37
450
32.0
26
Sensitive Coil
5.0
100
2.6
1.4
0.23
250
7.5
5
6.0
200
3.4
2.0
0.28
180
10.0
6
9.0
400
4.85
3.0
0.55
203
15.0
9
12.0
850
7.0
4.0
0.64
169
20.0
12
18.0
1,600
9.8
6.0
0.92
203
30.0
18
26.5
3,300
14.0
8.0
1.4
213
40.0
26
Operating Characteristics
Timing:
Operate Time (ms max.)
MW3
MW3S MW3HP MW3HPS
4.0
6.0
2.0
4.0
Release Time (ms max.)
MW3
MW3S MW3HP MW3HPS
3.0
3.0
1.5
2.0
Bounce Time (ms max.)
MW3
MW3S MW3HP MW3HPS
–
–
1.5
1.5
Dielectric Withstanding Voltage:
Between Open Contacts,
Between Adjacent Contacts and
Between Contacts and Coil:
MW3 types: 350Vrms, 60 Hz.
MW3HP types: 500Vrms, 60 Hz.
Insulation Resistance:
1,000 megohms @ 500VDC.
Environmental Characteristics
Temperature Range:
MW3 types: -55°C to +85°C.
MW3HP types: -65°C to +125°C.
Weight:
MW3, MW3HP: 0.09 oz. (2.55 g)
MW3S, MW3HPS: 0.12 oz. (3.40 g).
Vibration Resistance:
MW3 types:10 G’s, 10-500 Hz.
MW3HP types: 30 G’s, 10-3,000 Hz
Shock Resistance:
MW3 types:30 G’s, 6 ± 1 ms.
MW3HP types: 75 G’s, 6 ± 1 ms.
Catalog 1654542
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 12-03
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com