Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3P3TP0 Datasheet(PDF) 2 Page - Tyco Electronics

Part # ST3P3TP0
Description  Relay package consisting of DIN-rail socket and relay
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ST3P3TP0 Datasheet(HTML) 2 Page - Tyco Electronics

  ST3P3TP0 Datasheet HTML 1Page - Tyco Electronics ST3P3TP0 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Relay Package SNR (Continued)
Insulation
Dielectric strength coil-contact circuit
4000 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 6 / 8 mm
Material group of insulation parts
IIIa
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
reinforced
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
2
Rated voltage system
230 / 400 V
Overvoltage category
III
Other data
RoHS - Directive 2002/95/EC
compliant as per product date code 0404
Ambient temperature range
-40...+55°C
Operate- / release time
5 / 2,5 ms
Bounce time NO / NC contact
1,5 / 5 ms
Degree of protection DIN 40050
IP20
Terminals
screw / cage clamp
Terminal screw torque acc. IEC 61984
0.5 Nm
max.
0.6 Nm
Wire cross section
single wire
0.14...2.5 mm2
fine wire
0.14...2.5 mm2
with bootlace crimp (DIN 46228/1)
0.14...2.5 mm2
Insertion cycles
A (10)
Max. Insertion Force total
100 N
Mounting distance
0 mm, dense packing
Weight
32 g
Packaging unit
10 pcs
Accessories
For accessories see datasheet
Accessories Slim Interface Relay SNR
S0487-BA
Product key
ST
P
Type
Version
3P Relay set, SNR 1-pole CO, 6 A, screw terminals
4P Relay set, SNR 1-pole CO, 6 A, cage clamp terminals
Contact material
2
AgSnO2, gold plated
3
AgSnO2
Coil
LB2
12 VDC
LC4
24 VDC
SM5
115 VDC/VAC
TP0
230 VDC/VAC
Other types on request
Product key
Socket
Terminals
Relay
Contacts
Coil
Part number
ST3P2LC4
ST3FLC4
screw
V23092-A1024-A201
AgSnO2 gold pl.
24 VDC
3-1416100-0
ST3P3LB2
V23092-A1012-A301
AgSnO2
12 VDC
3-1416100-1
ST3P3LC4
V23092-A1024-A301
24 VDC
3-1416100-2
ST3P3SM5
ST3FSM5
V23092-A1060-A301
115 VDC/VAC
3-1416100-3
ST3P3TP0
ST3FTP0
230 VDC/VAC
3-1416100-4
ST4P2LC4
ST4FLC4
cage clamp
V23092-A1024-A201
AgSnO2 gold pl.
24 VDC
3-1416100-5
ST4P3LB2
V23092-A1012-A301
AgSnO2
12 VDC
3-1416100-6
ST4P3LC4
V23092-A1024-A301
24 VDC
3-1416100-7
ST4P3SM5
ST4FSM5
V23092-A1060-A301
115 VDC/VAC
3-1416100-8
ST4P3TP0
ST4FTP0
230 VAC/VAC
3-1416100-9
For replacement use identical components according to table only!
Version with
Version with
screw terminals
cage clamp terminals
S0487-AA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com