Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PB314005 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PB314005
Description  Miniature Power PCB Relay PB
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PB314005 Datasheet(HTML) 2 Page - Tyco Electronics

  PB314005 Datasheet HTML 1Page - Tyco Electronics PB314005 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Datasheet
Rev. EK1
Issued 2005/11
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
2
Miniature Power PCB Relay PB (Continued)
Product key
PB
Type
Version
1
standard version, CTI 250
3
high CTI version, CTI 300
5
500 mW version, CTI 250
Contact configuration
1
1 CO contact
3
1 NO contact
Contact material
3
AgSnO2
4
AgNi 90/10
Coil
Coil code: please refer to coil versions table
Other types on request
PCB layout / terminal assignment
Bottom view on solder pins
Dimensions
S0407-AA
S0407-AB
S0406-A
Product key
Version
Contacts
Contact material
Coil
Part number
PB114005
standard
1 CO contact
AgNi 90/10
5 VDC
6-1415029-1
PB114006
CTI 250/class F
6 VDC
7-1415029-1
PB114012
12 VDC
8-1415029-1
PB114024
24 VDC
9-1415029-1
PB134005
1 NO contact
5 VDC
0-1415030-1
PB134006
6 VDC
1-1415030-1
PB134012
12 VDC
2-1415030-1
PB134024
24 VDC
3-1415030-1
PB314005
high CTI version
1 CO contact
5 VDC
4-1415030-1
PB314006
CTI 300
6 VDC
5-1415030-1
PB314012
12 VDC
6-1415030-1
PB314024
24 VDC
7-1415030-1
PB334005
1 NO contact
5 VDC
8-1415030-1
PB334006
6 VDC
9-1415030-1
PB334012
12 VDC
0-1415031-1
PB334024
24 VDC
1-1415031-1
Insulation
PB1..
PB3..
PB5..
Dielectric strength coil-contact circuit
2500 Vrms
open contact circuit
1000 Vrms
Clearance / creepage coil-contact circuit
W 3/4 mm
Material group of insulation parts
IIIa
Tracking index of relay base
CTI 250
CTI 300
CTI 250
Insulation to IEC 60664-1
Type of insulation coil-contact circuit
basic
open contact circuit
functional
Rated insulation voltage
250 V
Pollution degree
3
Rated voltage system
230/400 V
Overvoltage category
III
Other data
PB standard
PB 500 mW
RoHS - Directive 2002/95/EC
compliant as per product date code 0346
Flammability class according to UL94
V-0
For version PB1, PB5: GWFI to IEC 60695-2-12
W 850°C
GWIT to IEC 60695-2-13
W 775°C
Ambient temperature range
-40...85°C
Operate- / release time
< 20 ms
Bounce time NO / NC contact
< 15 ms
Vibration resistance (function) NO / NC contact
>10/4g
>10/8g
30...400Hz
30...400Hz
Shock resistance (destruction)
100 g
Category of protection
RTII - flux proof
Mounting
pcb
Resistance to soldering heat
270°C / 10s
Relay weight
5.4 g
Packaging unit
35/1050 pcs
S0407-AC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com