Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K10P144M100SF2 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # K10P144M100SF2
Description  Up to 100 MHz ARM Cortex-M4 core with DSP instructions delivering 1.25 Dhrystone MIPS per MHz
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

K10P144M100SF2 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button K10P144M100SF2 Datasheet HTML 17Page - Freescale Semiconductor, Inc K10P144M100SF2 Datasheet HTML 18Page - Freescale Semiconductor, Inc K10P144M100SF2 Datasheet HTML 19Page - Freescale Semiconductor, Inc K10P144M100SF2 Datasheet HTML 20Page - Freescale Semiconductor, Inc K10P144M100SF2 Datasheet HTML 21Page - Freescale Semiconductor, Inc K10P144M100SF2 Datasheet HTML 22Page - Freescale Semiconductor, Inc K10P144M100SF2 Datasheet HTML 23Page - Freescale Semiconductor, Inc K10P144M100SF2 Datasheet HTML 24Page - Freescale Semiconductor, Inc K10P144M100SF2 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
Table 10. Debug trace operating behaviors (continued)
Symbol
Description
Min.
Max.
Unit
Twl
Low pulse width
2
—
ns
Twh
High pulse width
2
—
ns
Tr
Clock and data rise time
—
3
ns
Tf
Clock and data fall time
—
3
ns
Ts
Data setup
3
—
ns
Th
Data hold
2
—
ns
Figure 3. TRACE_CLKOUT specifications
Th
Ts
Ts
Th
TRACE_CLKOUT
TRACE_D[3:0]
Figure 4. Trace data specifications
6.1.2 JTAG electricals
Table 11. JTAG limited voltage range electricals
Symbol
Description
Min.
Max.
Unit
Operating voltage
2.7
3.6
V
J1
TCLK frequency of operation
• Boundary Scan
• JTAG and CJTAG
• Serial Wire Debug
0
0
0
10
25
50
MHz
J2
TCLK cycle period
1/J1
—
ns
Table continues on the next page...
Peripheral operating requirements and behaviors
K10 Sub-Family Data Sheet Data Sheet, Rev. 4, 3/2011.
Freescale Semiconductor, Inc.
Preliminary
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com