Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF Datasheet(PDF) 1 Page - Tyco Electronics

Part # SCF
Description  Programmable Time Delay Relay
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SCF Datasheet(HTML) 1 Page - Tyco Electronics

  SCF Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1218
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
AGASTAT
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
SCF series
Programmable
Time Delay Relay
• 4 user-programmable timing modes
• 0.1 sec. to 10 hr. programmable timing range
• Parameters set with recessed dials
• Narrow width saves panel space
• 10A DPDT output relay
• Socket can be DIN-rail or back panel mounted
File E15631(relay) and E140494 (socket)
File LR29186 (relay) and LR29513M7 (socket)
Timing Modes
Modes are user selectable via screwdriver adjustment of recessed 4-
position selector dial.
Modes offered are: On-Delay, Off-Delay, Interval and Latching Interval.
Timing Specifications
Timing Ranges: 0.1 to 3 / 0.33 to 10 / 1 to 30 / 4 to 120 sec.; 0.33 to 10 /
1 to 30 / 2 to 60 min.; 0.33 to 10 hr.
Timing Range Selection: Screwdriver select via recessed 8-position
selector dial.
Timing Adjustment: External knob potentiometer adjustment with
reference calibrations.
Accuracy: Repeat Accuracy:
±1% ±0.01 sec.
Overall Accuracy:
±3% ±0.01 sec.
Reset Time: 30 ms.
Relay Operate Time: On-Delay and Interval mode: 55 ms.
Relay Release Time: Off-Delay, Interval and Latching Interval: 40 ms.
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT).
Rating: 10A @ 28VDC or 120VAC, resistive; 1/3 HP @ 120/240VAC; 345VA.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 500,000 operations, min., at rated resistive load.
Initial Dielectric Strength
Between Terminals and Case: 1,000VAC plus twice the nominal voltage
for one minute.
Outline Dimensions
Wiring Diagram (Bottom View)
Mechanical Data
Mounting/Termination: 11-pin octal-type plug for use with mating socket.
Mount relay in horizontal position (pins horizontal, knob down, LEDs up).
Status Indication: Power On LED and Output Contacts LED.
Weight: Relay: 3.5 oz. (156g) approx.; Socket: 1.7 oz. (48.3g) approx.
Environmental Data
Temperature Range: Storage: -40
°C to +85°C.
Operating: -30
°C to +65°C.
Input Data @ 25
°C
Voltage: See Ordering Information section for details.
Power Requirement: 2W, max.
Transient Protection: Non-repetitive transients of the following magni-
tudes will not cause spurious operation of affect function and accuracy.
Operating Voltage
<0.1 ms
<1 ms
12VDC
1,000V
240V*
24VAC/VDC
1,000V
240V*
48 VAC/VDC
1,000V
480V*
120 VAC, 125VDC
3,000V
2,500V*
240VAC/VDC
3,000V
2,500V*
* Minimum source impedance of 100 ohm.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Ordering Information
Authorized distributors are likely to stock the following:
None at present.
CLEARANCE
HOLE FOR
M4 OR #8
MACHINE
SCREW
.109 (3) DIA.
ANTI-ROTATION
PIN BETWEEN
TERMS 10 & 2
M3 X 0.5 CAPTIVE
CLAMP SCREWS
1.38
(35)
.21
(5)
.84
(21)
3.29
(84)
1.645
(42)
1.42
(36)
0.71
(18)
0.372 (10)
SCF TIMER
BCSF11SC SOCKET
SCF
|
Series SCF
Plug-In
Programmable
Timer
RX
|
|
|
|
|
|
|
|
Mounting
RX = Without Socket
RF = With Socket
90
|
Operating Mode
90 = Multiple Modes
On-Delay
Off-Delay
Interval
Latching Interval
2
|
|
|
|
|
|
|
|
Output
2 = DPDT Relay
A
|
Output Rating
A = 10 Amp
B = 5 Amp
A
|
|
|
|
|
|
|
|
Operating Voltage
(+10%, –15%)
A = 120VAC, 50/60 Hz. / 125VDC
B = 240VAC, 50/60 Hz. §
E = 24VAC, 50/60 Hz. / 24VDC
F = 48VAC, 50/60 Hz. / 24VDC
Q = 12VDC
§ Voltage Option B is only
available with 5 Amp
output option.


Similar Part No. - SCF

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SCF TEC-SCF Datasheet
181Kb / 1P
4 user-programmable timing modes
logo
Kemet Corporation
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
76Kb / 1P
KEMET, SCF, AC Line Filters, Common Mode, 0.05 H
SCF-01-5000 KEMET-SCF-01-5000 Datasheet
484Kb / 8P
Common Mode SCF Coils, SCF Series, High Inductance Type
SCF-01-50002 KEMET-SCF-01-50002 Datasheet
385Kb / 4P
SC Coils, SCF Compact, High-inductance Type
SCF-01-5000 KEMET-SCF-01-5000_V01 Datasheet
484Kb / 8P
Common Mode SCF Coils, SCF Series, High Inductance Type
More results

Similar Description - SCF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
48K MACOM-48K Datasheet
198Kb / 1P
Programmable Time Delay Relay
2-1393136-3 MACOM-2-1393136-3 Datasheet
56Kb / 2P
CMOS IC Time Delay Relay
2-1393136-8 MACOM-2-1393136-8 Datasheet
50Kb / 2P
CMOS IC Time Delay Relay
2-1393138-0 MACOM-2-1393138-0 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-8 MACOM-2-1393138-8 Datasheet
51Kb / 2P
Compact Time Delay Relay
2-1393138-9 MACOM-2-1393138-9 Datasheet
51Kb / 2P
Compact Time Delay Relay
CGB-38-70005M MACOM-CGB-38-70005M Datasheet
46Kb / 2P
CMOS IC Time Delay Relay
CL-CU MACOM-CL-CU Datasheet
51Kb / 2P
Compact Time Delay Relay
CRB-48-70010 MACOM-CRB-48-70010 Datasheet
32Kb / 1P
Recycle Time Delay Relay
logo
Littelfuse
TDR LITTELFUSE-TDR Datasheet
437Kb / 2P
Relay Output, Recycling Time Delay Relay
2016 Rev: 1-A-062116
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com