Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNR Datasheet(PDF) 3 Page - Tyco Electronics

Part # SNR
Description  Slim PCB Relay SNR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SNR Datasheet(HTML) 3 Page - Tyco Electronics

  SNR Datasheet HTML 1Page - Tyco Electronics SNR Datasheet HTML 2Page - Tyco Electronics SNR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Datasheet
Rev. FG1
Issued 2006/07
www.tycoelectronics.com
www.schrackrelays.com
Dimensions are in mm unless
otherwise specified and are
shown for reference purposes
only.
Product specification
according to IEC 61810-1.
Product data, technical para-
meters, test conditions and
processing information
only to be used together
with the 'Definitions' at
schrackrelays.com in the
‘Schrack’ section.
Specifications subject to
change.
General Purpose Relays
3
Slim PCB Relay SNR (Continued)
Product key
Version
Contacts
Contact material
Coil
Part number
V23092-A1005-A201
PCB
1 CO contact
AgSnO2, gold pl.
5 VDC
0-1393236-1
V23092-A1005-A202
vertical version
1 NO contact
8-1415067-1
V23092-A1005-A301
wash tight
1 CO contact
AgSnO2
0-1393236-2
V23092-A1005-A302
1 NO contact
9-1415067-1
V23092-A1005-A801
1 CO contact
AgNi 90/10
1-1415068-1
V23092-A1005-A802
1 NO contact
0-1415068-1
V23092-A1012-A201
1 CO contact
AgSnO2, gold pl.
12 VDC
0-1393236-4
V23092-A1012-A202
1 NO contact
0-1393236-5
V23092-A1012-A301
1 CO contact
AgSnO2
0-1393236-7
V23092-A1012-A302
1 NO contact
0-1393236-8
V23092-A1012-A801
1 CO contact
AgNi 90/10
1-1393236-3
V23092-A1012-A802
1 NO contact
2-1415068-1
V23092-A1024-A201
1 CO contact
AgSnO2, gold pl.
24 VDC
2-1393236-1
V23092-A1024-A202
1 NO contact
2-1393236-2
V23092-A1024-A301
1 CO contact
AgSnO2
2-1393236-4
V23092-A1024-A302
1 NO contact
2-1393236-5
V23092-A1024-A801
1 CO contact
AgNi 90/10
3-1393236-0
V23092-A1024-A802
1 NO contact
5-1415063-1
V23092-A1048-A201
1 CO contact
AgSnO2, gold pl.
48 VDC
3-1393236-5
V23092-A1048-A202
1 NO contact
3-1393236-6
V23092-A1048-A301
1 CO contact
AgSnO2
3-1393236-7
V23092-A1048-A302
1 NO contact
3-1393236-8
V23092-A1048-A801
1 CO contact
AgNi 90/10
3-1393236-9
V23092-A1048-A802
1 NO contact
3-1415068-1
Product key
V 23092 -
1
- A
Type
Version
A
PCB vertical version
B
PCB flat pack version
Version
1
wash tight
Coil
Coil code: please refer to coil versions table
Contact system
A
standard
Contact material
2
AgSnO2, gold plated
3
AgSnO2
8
AgNi 90/10
Contact configuration
01 1 CO contact
02 1 NO contact
NO version with 8/8 mm clearance and creepage and other types on request



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com