Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSC Datasheet(PDF) 1 Page - Tyco Electronics

Part # SSC
Description  Specification Grade Discrete Plug-in
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SSC Datasheet(HTML) 1 Page - Tyco Electronics

  SSC Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1234
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
AGASTAT
Catalog 1308242
Issued 3-03 (PDF Rev. 4-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
SSC series
Specification Grade Discrete Plug-in
Time Delay Relay
• On-Delay, Off-Delay and Interval timing modes
• 13 timing ranges from 0.1 sec. to 60 min.
• 10A DPDT output contacts
• Escellent repeatability of
±1% or better.
• Exceptional immunity to transients and noise.
• Wide operating temperature range.
File LR29186
Timing Modes
On-Delay, Off-Delay and Interval.
Timing Specifications
Timing Ranges: 6 to 180 cycles; 0.1 to 3 / 0.1 to 10 / 0.33 to 10 / 1 to 30 / 4
to 120 sec.; 0.33 to 10 / 1 to 30 / 2 to 60 min.; 0.33 to 10
hr. (All are +10%, –1% of maximum values).
Timing Adjustment: Knob or fixed time (internal fixed resistor) – all models;
customer supplied external potentiometer or resistor
– On-Delay and Interval models only.
Accuracy: Repeat Accuracy:
±1% ±0.004 sec. at any combination of
operating temperature and voltage.
Overall Accuracy:
±5.25% throughout operating temperature
and voltage ranges.
Reset Time: 25 ms. (minimum deenergized interval for on-delay or off-delay
models, or minimum required closure interval for interval
models without affecting accuracy.)
Relay Operate Time: Off-Delay mode only: 35 ms.
Relay Release Time: On-Delay mode only: 20 ms.
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT).
Rating: 10A @ 28VDC or 120VAC, resistive; 1/3 HP @ 120/240VAC.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 500,000 operations, min., at rated resistive load.
Initial Dielectric Strength
Between Terminals and Case: 1,000VAC plus twice the nominal voltage
for one minute.
Outline Dimensions
Wiring Diagrams (Bottom Views)
Mechanical Data
Mounting/Termination: 8- or 11-pin octal type plug. 8-pin types fit either
27E122 or 27E891, while 11-pin types fit 27E123 or 27E892.
Weight: 4 oz. (112g) approximately.
Environmental Data
Temperature Range: Storage: -40
°C to +85°C.
Operating: -30
°C to +65°C.
Input Data @ 25
°C
Voltage: See Ordering Information section for details.
Power Requirement: 3W, max.
Transient Protection: Non-repetitive transients of the following magni-
tudes will not cause spurious operation of affect function and accuracy.
Operating Voltage
<0.1 ms
<1 ms
12VDC
1,000V
240V*
24VAC/VDC
1,000V
240V*
48 VAC/VDC
1,000V
480V*
120 VAC/VDC
3,000V
2,500V*
240VAC
3,000V
2,500V*
* Minimum source impedance of 100 ohm.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Ordering Information
Authorized distributors are likely to stock the following:
SSC12AAA
SSC12ACA
SSC12AGA
SSC12ABA
SSC12ADA
SSC12ALA.
SSC
|
Series SSC
Discrete
Industrial
Timer
2
|
Output
2 = DPDT Relay
A
|
|
|
|
|
|
|
|
|
|
|
|
Operating Voltage
(+10%, –15%)
A = 120VAC, 50/60 Hz.
/ 120VDC
B = 240VAC, 50/60 Hz.
E = 24VAC, 50/60 Hz. /
24VDC
F = 48VAC, 50/60 Hz. /
48VDC
Q = 12VDC (
±10%)
A
|
Timing Range
A =0 .1 to 3 sec.
B = 0.5 to 15 sec.
C = 1 to 30 sec.
D = 2 to 60 sec.
E = 4 to 120 sec.
F = 6 to 180 sec.
G = 10 to 300 sec.
I = 2 to 60 min.
K = 3 to 180 cycles
L = 0.33 to 10 min.
M = 0.5 to 15 min.
N = 1 to 30 min.
P = 0.1 to 10 min.
A
|
|
|
|
|
|
|
|
|
|
|
|
Timing Adjustment
A = Knob Adjust
B = External
Potentiometer or
resistor (Operating
modes 1 and 3 only).
F = Fixed Times –
Specify time delay
in seconds per the
following examples:
F9.000 = 9 sec.
F99.00 = 99 sec.
F999.0 = 9999 sec.
F1000 = 1000 sec.
1.97
(50)
1.97
(50)
.70
(18)
3.25
(83)
Off-Delay
On-Delay & Interval
On-Delay & Interval
Fixed or Knob
Fixed or Knob
External Potentiomer
Adjust
Adjust
or Resistor Adjust
Insulated, shielded two-
conductor cable similar
to Belden 8719, 8720 or
8769 required for leads
longer than 6 inches.
Max. permissble length
is 50 feet.
01
|
|
|
|
|
Operating Mode
01 = On-Delay
02 = Off-Delay
03 = Interval


Similar Part No. - SSC

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,60 mbar to 10 bar
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SIP,1 psi to 150 psi
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Digital output,SIP,60 mbar to 10 bar
SSC HONEYWELL-SSC Datasheet
1Mb / 12P
TruStability silicon Pressure Sensors: SSC Series-Standard Accuracy -2% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
More results

Similar Description - SSC

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
HF507P YAMAICHI-HF507P Datasheet
297Kb / 3P
Non-ZIF Adapter Plug for Discrete Wire
logo
Tyco Electronics
SRC MACOM-SRC Datasheet
156Kb / 1P
Specification Grade Repeat Cycle
SST MACOM-SST Datasheet
148Kb / 1P
Industrial Grade Discrete Plug-in
STA MACOM-STA Datasheet
152Kb / 1P
Specification Grade Discrete Plug-in
VTM-1 MACOM-VTM-1 Datasheet
186Kb / 1P
Specification Grade, On-Delay Timing Module
2-1437463-1 MACOM-2-1437463-1 Datasheet
156Kb / 1P
Specification Grade Discrete Plug-in True Off-Delay Time Delay Relay
logo
List of Unclassifed Man...
AF512CFI-7ACXP ETC1-AF512CFI-7ACXP Datasheet
1Mb / 68P
ATP Industrial Grade CompactFlashCard Specification
AF512UFEDBK ETC1-AF512UFEDBK Datasheet
163Kb / 6P
ATP Industrial Grade Endura Specification
AF512UDI ETC1-AF512UDI Datasheet
2Mb / 91P
ATP Industrial Grade microSD Card Specification
AF512SDI ETC1-AF512SDI Datasheet
2Mb / 81P
ATP Industrial Grade SD Card Specification
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com