Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST12AAA Datasheet(PDF) 1 Page - Tyco Electronics

Part # SST12AAA
Description  Industrial Grade Discrete Plug-in
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SST12AAA Datasheet(HTML) 1 Page - Tyco Electronics

  SST12AAA Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1238
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
AGASTAT
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
SST series
Industrial Grade Discrete Plug-in
Time Delay Relay
• On-Delay, Off-Delay, Interval, One Shot & Repeat modes
• Time delays to 120 min.
• Fast setting with time calibrated knobs.
• Superior transient protection.
• Rugged construction with 8- or 11-pin plug.
• Flame retardant housing.
File E15631
File LR33434
Timing Modes
On-Delay, Off-Delay, Interval, One Shot (Latching Interval) or Repeat Cycle.
Timing Specifications
Timing Ranges: Nine ranges spanning 0.1 sec. to 120 min.
Timing Adjustment: Knob adjust.
Accuracy: Repeat Accuracy:
±1%.
Overall Accuracy:
±5%.
Reset Time: 50 ms., max., (25 ms typ.) for on-delay and interval; 300 ms,
max., for off-delay and one shot; 500 ms, max., for repeat type.
Relay Operate Time: 50 ms.
Relay Release Time: 30 ms.
Contact Data @ 25
°C
Arrangements: 2 Form C (DPDT).
Rating: 10A @ 120/240VAC, resistive; 1/3 HP @ 120/240VAC, 50/60 Hz.
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 500,000 operations, min., at rated resistive load.
Initial Dielectric Strength
Between Contacts, Line Inputs and Control Circuits:
1,500V RMS, minimum, at 60 Hz.
Outline Dimensions
Wiring Diagrams (Bottom Views)
Mechanical Data
Mounting/Termination: On-Delay, Interval and Repeat types have 8- pin
octal plug that fits either 27E122 or 27E891 socket. Off-Delay and One
Shot types have 11-pin octal-type plug that fits 27E123 or 27E892. Sockets
must be orderd separately.
Weight: 4 oz. (112g) approximately.
Environmental Data
Temperature Range: Storage: -23
°C to +71°C.
Operating: -23
°C to +54°C.
Input Data @ 25
°C
Voltage: See Ordering Information section for details.
Power Requirement: 3W, max.
Transient Protection: Non-repetitive transients of the following magni-
tudes will not cause spurious operation of affect function and accuracy.
Operating Voltage
<0.1 ms
<1 ms
12 & 24 VAC/VDC
860V
208V*
120 VAC
2,580V
2,150V*
* Minimum source impedance of 100 ohm.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Ordering Information
Authorized distributors are likely to stock the following:
None at present.
2.0 MAX.
(50.8)
SQUARE
.812 MAX.
(20.6)
4.60 MAX.
(116.8)
3.20 MAX.
(81.3)
SST1 – On Delay Types
Input
Time Range
Part No.
120
0.1 - 10 sec.
SST12AAA
VAC
0.6 - 60 sec.
SST12ACA
1.8 - 180 sec.
SST12ADA
3 - 300 sec.
SST12AEA
18 sec. - 30 min. SST12AGA
36 sec. - 60 min. SST12AHA
24
0.1 - 10 sec.
SST12EAA
VAC
1.8 - 180 sec.
SST12EDA
3 - 300 sec.
SST12EEA
24
0.1 - 10 sec.
SST12OAA
VDC
1.8 - 180 sec.
SST12ODA
3 - 300 sec.
SST12OEA
12
0.1 - 10 sec.
SST12QAA
VDC
1.8 - 180 sec.
SST12QDA
3 - 300 sec.
SST12QEA
SST2 – Off Delay Types
Input
Time Range
Part No.
120
0.1 - 10 sec.
SST22AAA
VDC
1.8 - 180 sec.
SST22ADA
3 - 300 sec.
SST22AEA
18 sec. - 30 min. SST22AGA
36 sec. - 60 min. SST22AHA
24
0.1 - 10 sec.
SST22EAA
VDC
1.8 - 180 sec.
SST22EDA
24
0.1 - 10 sec.
SST22OAA
VDC
1.8 - 180 sec.
SST22ODA
12
0.1 - 10 sec.
SST22QAA
VDC
1.8 - 180 sec.
SST22QDA
SST3 – Interval Types
Input
Time Range
Part No.
120
0.1 - 10 sec.
SST32AAA
VAC
1.8 - 180 sec.
SST32ADA
3 - 300 sec.
SST32AEA
36 sec. - 60 min. SST32AHA
24
0.1 - 10 sec.
SST32EAA
VAC
1.8 - 180 sec.
SST32EDA
24
0.1 - 10 sec.
SST32OAA
VDC
1.8 - 180 sec.
SST32ODA
12
0.1 - 10 sec.
SST32QAA
VDC
1.8 - 180 sec.
SST32QDA
SST4 – One Shot* Types
Input
Time Range
Part No.
120
0.1 - 10 sec.
SST42AAA
VDC
1.8 - 180 sec.
SST42ADA
3 - 300 sec.
SST42AEA
18 sec. - 30 min. SST42AGA
36 sec. - 60 min. SST42AHA
24
0.1 - 10 sec.
SST42EAA
VDC
1.8 - 180 sec.
SST42EDA
24
0.1 - 10 sec.
SST42OAA
VDC
1.8 - 180 sec.
SST42ODA
12
0.1 - 10 sec.
SST42QAA
VDC
1.8 - 180 sec.
SST42QDA
* Also known as Latching Interval
SST7 – Repeat Cycle Types
Input
Time Range
Part No.
120
0.1 - 10 sec.
SST72AAA
VDC
1.8 - 180 sec.
SST72ADA
3 - 300 sec.
SST72AEA
18 sec. - 30 min. SST72AGA
36 sec. - 60 min. SST72AHA
24
0.1 - 10 sec.
SST72EAA
VDC
1.8 - 180 sec.
SST72EDA
24
0.1 - 10 sec.
SST72OAA
VDC
1.8 - 180 sec.
SST72ODA
12
0.1 - 10 sec.
SST72QAA
VDC
1.8 - 180 sec.
SST72QDA


Similar Part No. - SST12AAA

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
SST12A-600BW SMCDIODE-SST12A-600BW Datasheet
279Kb / 5P
12A TRIACs
Rev.-
SST12A-800BW SMCDIODE-SST12A-800BW Datasheet
279Kb / 5P
12A TRIACs
Rev.-
SST12A-800CW SMCDIODE-SST12A-800CW Datasheet
279Kb / 5P
12A TRIACs
Rev.-
More results

Similar Description - SST12AAA

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AWSCR-ME ABRACON-AWSCR-ME Datasheet
200Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MG ABRACON-AWSCR-MG Datasheet
223Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MR ABRACON-AWSCR-MR Datasheet
164Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MS ABRACON-AWSCR-MS Datasheet
198Kb / 2P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.26.07
AWSCR-MT ABRACON-AWSCR-MT Datasheet
364Kb / 3P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
07.25.07
AWSCR-MV ABRACON-AWSCR-MV Datasheet
527Kb / 1P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
logo
Tyco Electronics
SSC MACOM-SSC Datasheet
164Kb / 1P
Specification Grade Discrete Plug-in
STA MACOM-STA Datasheet
152Kb / 1P
Specification Grade Discrete Plug-in
2-1437463-1 MACOM-2-1437463-1 Datasheet
156Kb / 1P
Specification Grade Discrete Plug-in True Off-Delay Time Delay Relay
logo
Abracon Corporation
AWSCR-24.00MTD-T ABRACON-AWSCR-24.00MTD-T Datasheet
422Kb / 3P
INDUSTRIAL GRADE BUILT-IN CAPACITANCE CERAMIC RESONATOR
08.20.07
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com