Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VTMA1ACA Datasheet(PDF) 1 Page - Tyco Electronics

Part # VTMA1ACA
Description  On-Delay Timing Module With Internal Potentiometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

VTMA1ACA Datasheet(HTML) 1 Page - Tyco Electronics

  VTMA1ACA Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1242
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
AGASTAT
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
VTMA1 series
On-Delay Timing Module
With Internal Potentiometer
• On-delay timing mode
• Discrete voltage or universal type.
• Internal potentiometer for timing adjustment.
• Reliable solid state timing circuitry.
• Excellent transient protection.
• Flame retardant, solvent resistant housing.
File E60363
File LR33434
Timing Mode
On-Delay.
Timing Specifications
Timing Ranges: VMTA1ULA only: 24 to 480 sec.
All others: 0.5 to 10 / 3 to 60 /15 to 300 sec.; 3 to 60 min.
Timing Adjustment: Internal potentiometer.
Accuracy: Repeat Accuracy:
±5%
Overall Accuracy: Max. Time: –0%, +10%.
Min. Time: –30%, +10%.
Reset Time: 250 ms, max., before time-out; 10 ms, max., after time-out.
Output Switch Data
Arrangement: Solid state 1 Form A (SPST-NO).
Rating: 1A, inductive, at nominal operating voltage.
Expected Electrical Life: 10,000,000 operations at rated load.
Outline Dimensions amd Wiring Diagram
Mechanical Data
Mounting: Panel mount with one #8 screw.
Termination: 0.250 in (6.35) quick connect terminals.
Weight: 4 oz. (112g) approximately.
Environmental Data
Temperature Range: Storage: -40
°C to +85°C.
Operating: -40
°C to +65°C.
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Ordering Information
Authorized distributors are likely to stock the following:
None at present.
Initial Dielectric Strength
Between Terminals and Mounting: 3,000VAC rms.
Between Input and Output: 1,500VAC rms.
Input Data @ 25
°C
Voltage:
±10% 120VAC/VDC (unfiltered DC must be full-wave rectified) or
24 to 240 VAC/VDC.
Power Requirement: 250mW during timing; 3W, max. after time out.
Transient Protection: Non-repetitive transients of the following magni-
tudes will not cause spurious operation of affect function and accuracy.
Operating Voltage
<0.1 ms
<1 ms
24 VAC/VDC
860V*
208V*
120/240 VAC/VDC
2,580V
2,150V*
* Min. source impedance of 100 ohms.
Current Drain: 2mA, Max.
Part Number
Time Range
Input Voltage
VTMA1ACA
0.5 to 10 sec.
120VAC or VDC
VTMA1ADA
3 to 60 sec.
VTMA1ACA
24 to 480 sec.
24-240VAC or VDC
2.00
(50.8)
2.00
(50.8)
.250 (6.35) X .032 (.813)
QUICK CONNECTS
.388
(9.85)
.427
(10.8)
.170 DIA
(4.32)
ACCEPTS
#8 SCREW
1.25
(31.8)
.885
(22.5)
TIME DELAY
ADJUSTMENT
LOAD
INPUT
VOLTAGE
L1
L2


Similar Part No. - VTMA1ACA

ManufacturerPart #DatasheetDescription
logo
ETA-USA
VTM-00A ETA-USA-VTM-00A Datasheet
727Kb / 4P
12.5 WATT AC-DC CONVERTER
VTM-00B ETA-USA-VTM-00B Datasheet
523Kb / 3P
12.5 WATT AC-DC CONVERTER
logo
Tyco Electronics
VTM-1 MACOM-VTM-1 Datasheet
186Kb / 1P
Specification Grade, On-Delay Timing Module
logo
TE Connectivity Ltd
VTM-1 TEC-VTM-1 Datasheet
171Kb / 1P
n On-delay timing mode
logo
Communications & Power ...
VTM-6096R1 CPI-VTM-6096R1 Datasheet
84Kb / 1P
12 W, CW Helix TWT Series
More results

Similar Description - VTMA1ACA

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
VTM1 MACOM-VTM1 Datasheet
223Kb / 1P
On-Delay Timing Module
6001-6002C MACOM-6001-6002C Datasheet
60Kb / 1P
6001 Series Delay On Operate Digital Timing Module Fixed Timing, Solid State Output
VTM-1 MACOM-VTM-1 Datasheet
186Kb / 1P
Specification Grade, On-Delay Timing Module
VTM2 MACOM-VTM2 Datasheet
236Kb / 1P
Off-Delay Timing Module
VTMR1 MACOM-VTMR1 Datasheet
204Kb / 1P
On-Delay Timing Module With Internal Potentiometer, Relay Output
CLCU MACOM-CLCU Datasheet
51Kb / 2P
Delay on operate timing mode
logo
TE Connectivity Ltd
VTM-1 TEC-VTM-1 Datasheet
171Kb / 1P
n On-delay timing mode
logo
Schneider Electric
9050JCK13V20 SCHNEIDER-9050JCK13V20 Datasheet
122Kb / 4P
Timing Relay, Type JCK, plug In, on delay, Timing Relay, Type JCK, plug In, on delay, VAC, 120 VAC/110 VDC
Aug 27, 2021
8501XO00XTE1V02Y414 SCHNEIDER-8501XO00XTE1V02Y414 Datasheet
114Kb / 2P
Timing Relay - One Minute On-Delay with 120VAC Coil with No Contacts
Aug 31, 2021
logo
List of Unclassifed Man...
CSS555C ETC-CSS555C Datasheet
189Kb / 13P
Micropower Timer (with Internal Timing Capacitor)
Version 1.1, May 2009
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com