Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WCB Datasheet(PDF) 1 Page - Tyco Electronics

Part # WCB
Description  Current Balance Relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

WCB Datasheet(HTML) 1 Page - Tyco Electronics

  WCB Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
32
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
• ANSI/IEEE C37.90-1978
• UL file No. E58048
• CSA file No. LR61158
Current Balance Relays are designed to sense un-
balanced current flow in a three phase system. The
primary application of Current Balance Relays is to
protect three phase motors against phase unbal-
ance or phase failure.
Operation:
With control voltage applied to the relay, the output
contacts will energize when the three phase currents
are balanced (including zero currents), and will be
de-energize by unbalance currents.
Current Balance Relays
PRODUCT SPECIFICATIONS
Sample Part No.
WCB-120AC-1-A
Type:
WCB = Current Balance
Control Voltage
(± 15%)
26 DC
48 DC
125 AC
120 AC
230 AC
380 AC
460 AC
Trip Adjustment Range
.5 = 0.1 amp to 0.5 amps
1 = 0.2 amp to 1 amp
2 = 0.4 amp to 2 amp
Options:
A = two normally open contacts
B = two normally closed contacts
PART NUMBER SELECTION
Notes:
1.
Remove black screw for access to the trip adjustment.
2.
Clockwise rotation of the adjustment potentiometer will raise the unbalance trip point.
3.
The output contacts are shown de-energized.
PART NUMBER SELECTION
Part Number
Line Current .....................................
Control Voltage ................................
Unbalanced Trip Point .....................
Drop-Out Time Delay .......................
Surge Withstand Capabiliy ..............
Operating Temperature ....................
Burden ..............................................
Contact Ratings ................................
WCB Series
Three Phase, AC current, 50-400 Hz Direct or from CT.
5 amp continuously
20 amp, 30 sec.
200 amp, 0.10 sec.
See Part Number Selection
Screwdriver adjustable.
Adjustment range in
accordance with ordering information. (The unbalanced
value is defined as the difference between the highest
and the lowest phase current).
0.9 to 1.3 seconds
In compliance with C37.90B ANSI/IEEE
-40oC to +70oC
Current input: 5.0 VA, Phase Control voltage: 3.0 VA
One set, N.O., One set N.C.
5 amp resistive at 120 VAC or 28 VDC
60 or 87
13
/64" DIA.
4 MTG. HOLES
3 1/2
4.0
5.0
TERMINAL STRIPS
#6 - 32 SCREWS
WILMAR™ Protective Relays – WCB Series
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - WCB

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
WCB AITSEMI-WCB Datasheet
341Kb / 5P
CHIP INDUCTOR
logo
Stackpole Electronics, ...
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
logo
FCI connector
WCB10 FCI-CONNECTOR-WCB10 Datasheet
46Kb / 1P
BURNDY WEJTAP SELECTION CHART
logo
Stackpole Electronics, ...
WCB10 SEI-WCB10 Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
logo
FCI connector
WCB11 FCI-CONNECTOR-WCB11 Datasheet
46Kb / 1P
BURNDY WEJTAP SELECTION CHART
More results

Similar Description - WCB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7346 FAIRCHILD-FAN7346 Datasheet
1Mb / 19P
4-Channel LED Current Balance Controller
logo
Honeywell Accelerometer...
51735 HONEYWELL-ACC-51735 Datasheet
56Kb / 1P
300A BALANCE CURRENT SENSOR
CSNL281-007 HONEYWELL-ACC-CSNL281-007 Datasheet
44Kb / 1P
300A NULL BALANCE CURRENT SENSOR
logo
ON Semiconductor
FAN7346 ONSEMI-FAN7346 Datasheet
3Mb / 21P
4-Channel LED Current Balance Controller
ctober, 2016 ??Rev. 0
logo
uPI Group Inc.
UP6034 UPI-UP6034 Datasheet
165Kb / 12P
4 Channel High Current Balance LED Driver
logo
Excelliance MOS Corp.
EM7101 EXCELLIANCE-EM7101 Datasheet
247Kb / 13P
Integrated LED current balance control circuit
logo
Littelfuse
LCSC10T12 LITTELFUSE-LCSC10T12 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
logo
Mini-Circuits
BBFCV-492 MINI-BBFCV-492 Datasheet
398Kb / 2P
Balance Filter
REV. OR
BLFCV-1570 MINI-BLFCV-1570 Datasheet
380Kb / 2P
Balance Filter
REV. OR
logo
Littelfuse
ZSCT LITTELFUSE-ZSCT Datasheet
332Kb / 2P
Protection Relays Current Transformers
2016 Rev: 1-A-031218
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com