Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WOF Datasheet(PDF) 1 Page - Tyco Electronics

Part # WOF
Description  Frequency Sensitive Relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

WOF Datasheet(HTML) 1 Page - Tyco Electronics

  WOF Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
39
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
• ANSI/IEEE C37.90-1978
• UL file No. E58048
• CSA file No. LR61158
Application:
The output contacts of frequency relays are ener-
gized when the frequency exceeds the adjustable set
point. Overfrequency and underfrequency relays are
available in 50, 60 and 400Hz. Combination over/
underfrequency “band pass” relays are also avail-
able. These are energized at rated frequency and de-
energized during overfrequency or underfrequency
conditions.
Frequency Differential relays are ener-
gized above the preset frequency. The pick-up and
drop-out frequency settings are independently ad-
justable.
Frequency Sensitive Relays
PRODUCT SPECIFICATIONS
Sample Part No.
WUF-12-5060-T
Type:
WUF = Underfrequency
WOF = Overfrequency
Input Voltage (VAC)
12 = 120
23 - 230
38 = 380
46 = 460
Frequency Range
4050 = 40-50 HZ
5060 = 50-60 HZ
6070 = 60-70 HZ
3540 = 350-400 HZ
4045 = 400-450 HZ (overfrequency only)
Time Delay Options
blank = Per Time Curve
T = Adjustable
Consult factory for additional models.
PART NUMBER SELECTION
Notes:
1.
Remove black screws for access to the frequency and the time adjustments.
2.
Clockwise rotation of the frequency potentiometer will raise the frequency trip point.
3.
Clockwise rotation of the time adjustment, option "T" will increase the time for overfrequency relays and
dropout time for underfrequency relays..
PART NUMBER SELECTION
Part Number
Nominal Voltage (
±20%) .................
Nonimal Frequencies .......................
Trip Point ..........................................
Operating Temperature ....................
Differential ........................................
Voltage Drift .....................................
Time Delay ........................................
Surge Withstand Capability .............
Output Contacts ...............................
Contact Ratings ................................
WOF/WUF
120, 230, 380 and 460 volts
50, 60 and 400 Hz.
Screwdriver adjustable.
Adjustment range in accordance
with ordering information.
-20oC to +65oC
The frequency pitch-up to drop-out differential is .5% max
± .05% maximum frequency error for input voltage
variation of
±10%
See Time versus Frequency curves
In compliance with C37.90B ANSI/IEEE
One set N.O., one set N.C.
5 amp resistive at 120 VAC or 28VDC
Time Delay
Standard Time Delay
A minimum, fixed inverse time delay is incorporated in
all frequency relays to prevent nuisance tripping and is
represented by the typical curves shown below.
Adjustable Time Delay
If additional time delay is required, a suffix "T" must be
added to the part number. This allows the minimum
fixed time delay to be field-adjustable up to 20 seconds
11
/64" DIA.
4 HOLES
2 1/2
3
1
/2
4
1
/4
Typical Curves (WUF Series)
30
35
40
45
50
55
60
01
23
45
6
Drop-Out Time Delay
Typical Curves (WOF Series)
60
65
70
75
80
85
90
0
1
2
3456
Pick-Up Time Delay (sec)
81 O/U
WILMAR™ Protective Relays – WOF & WUF Series
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.
Overfrequency Relay
Model WOF-12-6070
70 Hz. Setting
65 Hz. Setting
62 Hz. Setting
58 Hz. Setting
55 Hz. Setting
50 Hz. Setting
Underfrequency Relay
Model WUF-12-5060


Similar Description - WOF

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQZ202D NAIS-AQZ202D Datasheet
88Kb / 5P
POWER PhotoMOS RELAYS (Voltage Sensitive Type)
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
Monitoring Relays Frequency Monitoring
logo
CML Microcircuits
FX-101L CMLMICRO-FX-101L Datasheet
816Kb / 6P
MULTI - PURPOSE FREQUENCY SENSITIVE SWITCH
logo
Tyco Electronics
WOUF MACOM-WOUF Datasheet
70Kb / 1P
Frequency Sensitive Relays
WOUV MACOM-WOUV Datasheet
69Kb / 1P
Voltage Sensitive Relays
WOUVT MACOM-WOUVT Datasheet
75Kb / 1P
Voltage Sensitive Relays
WUVT MACOM-WUVT Datasheet
73Kb / 1P
Voltage Sensitive Relays
WUV MACOM-WUV Datasheet
76Kb / 1P
Voltage Sensitive Relays
logo
Teledyne Technologies I...
732Y-12 TELEDYNE-732Y-12 Datasheet
365Kb / 3P
COMMERCIAL SENSITIVE TO-5 RELAYS DPDT
logo
CML Microcircuits
FX101L CMLMICRO-FX101L Datasheet
816Kb / 6P
multi-purpose frequency sensitive switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com