Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WOUF Datasheet(PDF) 1 Page - Tyco Electronics

Part # WOUF
Description  Frequency Sensitive Relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

WOUF Datasheet(HTML) 1 Page - Tyco Electronics

  WOUF Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
40
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
• ANSI/IEEE C37.90-1978
• UL file No. E58048
• CSA file No. LR61158
The output contacts of frequency relays are ener-
gized when the frequency exceeds the adjustable
set point.
Overfrequency and underfrequency re-
lays are available in 50, 60 and 400Hz. Combination
over/underfrequency “band pass” relays are also
available.
These are energized at rated frequency
and
de-energized
during
overfrequency
or
underfrequency conditions.
Frequency Differential
relays are energized above the preset frequency.
The pick-up and drop-out frequency settings are
independently adjustable.
Operation:
The relay will energize at normal frequency; The
normally closed contacts will open and the normally
open contacts will close. The relay will drop-out after
time delay at overfrequency or underfrequency.
Frequency Sensitive Relays
PRODUCT SPECIFICATIONS
Sample Part No.
WOUF-12-5060-T
Type:
WOUF = Over/Underfrequency
Input Voltage (VAC)
12 = 120
23 - 230
38 = 380
46 = 460
Frequency Range
UF Adj.
OF Adj.
50 =
40-50 Hz
50-60 Hz
60 =
50-60 Hz 60-70 Hz
400 =
350-400 Hz400-450 Hz
Time Delay Options
blank = Per Time Curve
T = Adjustable
Consult factory for additional models.
PART NUMBER SELECTION
Notes:
1.
Remove black screws for access to the frequency and the time adjustments.
2.
Clockwise rotation of the frequency potentiometer will raise the frequency trip point.
3.
Clockwise rotation of the time adjustment, option "T" will increase the drop-out time delay.
PART NUMBER SELECTION
Part Number
Nominal Voltage (
±20%) .................
Nonimal Frequencies .......................
Trip Point ..........................................
Operating Temperature ....................
Differential ........................................
Voltage Drift .....................................
Time Delay ........................................
Surge Withstand Capability .............
Output Contacts ...............................
Contact Ratings ................................
WOUF Series
120, 230, 380 and 460 volts
50, 60 and 400 Hz.
Screwdriver adjustable.
Adjustment range in
accordance with ordering information.
-40oC to +65oC
The frequency pick-up to drop-out differential is .5% max
± 0.05% maximum frequency error for input voltage
variation of
±10%
See Time versus Frequency curves
In compliance with C37-90B ANSI/IEEE
One set N.O., one set N.C.
5 amp resistive at 120 VAC or 28 VDC
Time Delay
Standard Time Delay
A minimum, fixed inverse time delay is incorporated in
all frequency relays to prevent nuisance tripping and is
represented by the typical curves shown below.
Adjustable Time Delay
If additional time delay is required, a suffix "T" must be
added to the part number. This allows the minimum
fixed time delay to be field-adjustable up to 20 seconds
Typical Curves (WOUF Series)
30
40
50
60
70
80
90
012
3
456
Drop-Out Time Delay
11
/64" DIA.
4 MTG. HOLES
3
3
1
/2
4
1
/4
TERMINAL
STRIPS
#6 -
32 SCREWS
81 O/U
WILMAR™ Protective Relays – WOUF Series, Over/Underfrequency
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - WOUF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WOUV MACOM-WOUV Datasheet
69Kb / 1P
Voltage Sensitive Relays
WOUV-12DC-A MACOM-WOUV-12DC-A Datasheet
69Kb / 1P
Voltage Sensitive Relays
WOUVT MACOM-WOUVT Datasheet
75Kb / 1P
Voltage Sensitive Relays
WOUVT-1-120AC MACOM-WOUVT-1-120AC Datasheet
75Kb / 1P
Voltage Sensitive Relays
More results

Similar Description - WOUF

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQZ202D NAIS-AQZ202D Datasheet
88Kb / 5P
POWER PhotoMOS RELAYS (Voltage Sensitive Type)
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
Monitoring Relays Frequency Monitoring
logo
CML Microcircuits
FX-101L CMLMICRO-FX-101L Datasheet
816Kb / 6P
MULTI - PURPOSE FREQUENCY SENSITIVE SWITCH
logo
Tyco Electronics
WOF MACOM-WOF Datasheet
79Kb / 1P
Frequency Sensitive Relays
WOUV MACOM-WOUV Datasheet
69Kb / 1P
Voltage Sensitive Relays
WOUVT MACOM-WOUVT Datasheet
75Kb / 1P
Voltage Sensitive Relays
WUVT MACOM-WUVT Datasheet
73Kb / 1P
Voltage Sensitive Relays
WUV MACOM-WUV Datasheet
76Kb / 1P
Voltage Sensitive Relays
logo
Teledyne Technologies I...
732Y-12 TELEDYNE-732Y-12 Datasheet
365Kb / 3P
COMMERCIAL SENSITIVE TO-5 RELAYS DPDT
logo
CML Microcircuits
FX101L CMLMICRO-FX101L Datasheet
816Kb / 6P
multi-purpose frequency sensitive switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com