Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WOUV Datasheet(PDF) 1 Page - Tyco Electronics

Part # WOUV
Description  Voltage Sensitive Relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

WOUV Datasheet(HTML) 1 Page - Tyco Electronics

  WOUV Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
23
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
• ANSI/IEEE C37.90-1978
The relay will energize at normal voltage condi-
tions. The normally open contacts will close, and
the normally closed contacts will open. The relay
will de-energize during over or undervoltage
conditions. Reset is automatic when the voltage
returns to normal.
Voltage Sensitive Relays
PRODUCT SPECIFICATIONS
Sample Part No.
WOUV-12DC-A
Type:
WOUV - Over/Undervoltage
Line Voltage VDC
12DC
18DC
24DC
28DC
32DC
48DC
60DC
120DC
Options:
Blank - Standard
A = 2 Form A Contacts
B = 2 Form B Contacts
H = 125 VDC Contacts
P = Transient Protection
Transient Protection - All voltage relays will withstand
momentary voltage surges of twice the nominal rated
input voltage (standard).
Option "P" provides additional transient protection
which complies with the requirements of ANSI/IEEE
C37.90-1978
Consult factory for additional models.
Notes:
1.
Remove black screws for access to the O/V and U/V trip adjustment.
2.
Clockwise rotation of the adjustment potentiometer will raise the voltage trip point.
3.
The adjustments are by means of a single turn potentiometer. Use a small screwdriver and
do not force beyond the limit stops.
PART NUMBER SELECTION
Part Number
Nominal Voltage (
±10%) .................
Drop-out Point (u/v models) ...........
Pick-Up Point (o/v models) .............
Output Contacts ...............................
Contact Ratings ................................
Operating Temperature Range ........
Temperature Effects .........................
Power Consumption ........................
Time Delay ........................................
WOUV
12 VDC to 560 VDC
70-100% of nominal voltage, screwdriver adjustable
100-125% of nominal voltage, screwdriver adjustable
One set N.O., One set N.C.
5 amp resistive at 120 VAC or 28 VDC
-40
°C to +75°C
Less than 1% voltage drift over the temperature range.
12 to 60 VDC models: 1 W max.
120 to 305 VDC models: 2 W max.
405 to 470 VDC models: 3 W max.
560 VDC Model: 4 W max.
A short duration delay is provided to prevent nuisance
tripping due to momentary dips or surges in voltage.
The drop-out delay, following a voltage fault is 75 to
100 milliseconds
125DC
240DC
250DC
305DC
405DC
430DC
470DC
560DC
Drop-Out Time Delay WOUV...DC Series
0
20
40
60
80
100
120
140
160
180
0
20
40
60
80
100
120
140
Time Delay (msec)
(+)
(-)
13/64" DIA.
4 MTG. HOLES
3 1/2
2 13/16
2.0
2
3/4
3
1/2
TERMINAL
STRIPS
#6 -
32
SCREWS
WILMAR™ Protective Relays – WOUV DC Series, Over/Undervoltage
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.
Drop-Out Time Delay,
WOUV DC Series
Trip Setting:
O/V - 110%
U/V - 90%


Similar Part No. - WOUV

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WOUVT MACOM-WOUVT Datasheet
75Kb / 1P
Voltage Sensitive Relays
WOUVT-1-120AC MACOM-WOUVT-1-120AC Datasheet
75Kb / 1P
Voltage Sensitive Relays
More results

Similar Description - WOUV

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQZ202D NAIS-AQZ202D Datasheet
88Kb / 5P
POWER PhotoMOS RELAYS (Voltage Sensitive Type)
logo
Tyco Electronics
WOF MACOM-WOF Datasheet
79Kb / 1P
Frequency Sensitive Relays
WOUF MACOM-WOUF Datasheet
70Kb / 1P
Frequency Sensitive Relays
WOUVT MACOM-WOUVT Datasheet
75Kb / 1P
Voltage Sensitive Relays
WUVT MACOM-WUVT Datasheet
73Kb / 1P
Voltage Sensitive Relays
WUV MACOM-WUV Datasheet
76Kb / 1P
Voltage Sensitive Relays
logo
Teledyne Technologies I...
732Y-12 TELEDYNE-732Y-12 Datasheet
365Kb / 3P
COMMERCIAL SENSITIVE TO-5 RELAYS DPDT
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Littelfuse
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Teledyne Technologies I...
S134 TELEDYNE-S134 Datasheet
352Kb / 6P
CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS SENSITIVE DPDT
08/2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com