Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WOUVT Datasheet(PDF) 1 Page - Tyco Electronics

Part # WOUVT
Description  Voltage Sensitive Relays
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

WOUVT Datasheet(HTML) 1 Page - Tyco Electronics

  WOUVT Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Function:
24
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)
• ANSI/IEEE C37.90-1978
Voltage sensitive relays are available for both AC
and DC applications for overvoltage and undervoltage
protection.
Combination over/undervoltage relays
provide band-pass capabilities. AC relays are either
single or three-phase type. Three phase relays are
designed to sense the average of the three phases.
Voltage trip points are screwdriver adjustable, and
operation is time-delayed so that momentary volt-
age transients will not cause nuisance tripping.
Operation:
The relay will energize at normal voltage condition.
The normally closed contact (Form B) will open and
the normally open (Form A) will close. The relay will
de-energize after time delay when over or undervoltage
condition is reached.
Voltage Sensitive Relays
PRODUCT SPECIFICATIONS
Sample Part No.
WOUVT -1-120AC
Type:
WOUVT - Over/Undervoltage
No. Phases
1 = Single
3 = Three (line to line)
Line Voltage VAC
115
120
200
208
220
230
240
380
Options:
Blank - Standard
A = 2 Form A Contacts
B = 2 Form B Contacts
H = 125 VDC Contacts
P = Transient Protection
Option "H" provides for contacts rating of 3 amps @
125VDC.
Option "P" provides additional transient protection which
complies with the requirements of ANSI/IEEE C37.90-
1978
Consult factory for additional models.
Notes:
1. Remove black screw for access to the voltage trip and time delay adjustment potentiometer.
2. Clockwise rotation of the voltage adjustment potentiometer will raise the voltage trip point.
3. Clockwise rotation of the time adjustment potentiometer will increase the drop-out time delay.
PART NUMBER SELECTION
Part Number
Nominal Voltage ...............................
Phase ................................................
Line Frequency .................................
Type of Sensing ...............................
Undervoltage Trip ............................
Overvoltage Trip ...............................
Drop-out Time Delay ........................
Pick-up to Drop-out Differential ......
Output Contacts ...............................
Contact Ratings ................................
Operating Temperature Range ........
Power Consumption ........................
WOUVT
120 VAC to 575 VAC
Single or Three
50-400 Hz
Average of all three phases
70-100% of nominal voltage, screwdriver adjustable
100-125% of nominal voltage, screwdriver adjustable
0.5 to 20 seconds, screwdriver adjustable
2% maximum
One set N.O., One set N.C.
5 amp resistive at 120 VAC or 28 VDC
-40
°C to +70°C
4 VA maximum
400
416
440
460
480
525
575
11
/64" DIA.
4 MTG. HOLES
3.0
TERMINAL STRIP
#6 - 32 SCREWS
3
1
/2
4
1
/4
27/59
WILMAR™ Protective Relays – WOUVT Series, Over/Undervoltage
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.


Similar Part No. - WOUVT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
WOUV MACOM-WOUV Datasheet
69Kb / 1P
Voltage Sensitive Relays
WOUV-12DC-A MACOM-WOUV-12DC-A Datasheet
69Kb / 1P
Voltage Sensitive Relays
More results

Similar Description - WOUVT

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQZ202D NAIS-AQZ202D Datasheet
88Kb / 5P
POWER PhotoMOS RELAYS (Voltage Sensitive Type)
logo
Tyco Electronics
WOF MACOM-WOF Datasheet
79Kb / 1P
Frequency Sensitive Relays
WOUF MACOM-WOUF Datasheet
70Kb / 1P
Frequency Sensitive Relays
WOUV MACOM-WOUV Datasheet
69Kb / 1P
Voltage Sensitive Relays
WUVT MACOM-WUVT Datasheet
73Kb / 1P
Voltage Sensitive Relays
WUV MACOM-WUV Datasheet
76Kb / 1P
Voltage Sensitive Relays
logo
Teledyne Technologies I...
732Y-12 TELEDYNE-732Y-12 Datasheet
365Kb / 3P
COMMERCIAL SENSITIVE TO-5 RELAYS DPDT
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Littelfuse
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
logo
Teledyne Technologies I...
S134 TELEDYNE-S134 Datasheet
352Kb / 6P
CENTIGRID® SURFACE MOUNT COMMERCIAL RELAYS SENSITIVE DPDT
08/2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com