Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP1504 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY2DP1504
Description  1:4 LVPECL Fanout Buffer with Selectable Clock Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1504 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY2DP1504 Datasheet HTML 1Page - Cypress Semiconductor CY2DP1504 Datasheet HTML 2Page - Cypress Semiconductor CY2DP1504 Datasheet HTML 3Page - Cypress Semiconductor CY2DP1504 Datasheet HTML 4Page - Cypress Semiconductor CY2DP1504 Datasheet HTML 5Page - Cypress Semiconductor CY2DP1504 Datasheet HTML 6Page - Cypress Semiconductor CY2DP1504 Datasheet HTML 7Page - Cypress Semiconductor CY2DP1504 Datasheet HTML 8Page - Cypress Semiconductor CY2DP1504 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CY2DP1504
Document Number: 001-56215 Rev. *F
Page 5 of 14
DC Electrical Specifications
(VDD = 3.3 V ± 5% or 2.5 V ± 5%; TA = 0 °C to 70 °C (Commercial) or –40 °C to 85 °C (Industrial))
Parameter
Description
Condition
Min
Max
Unit
IDD
Operating supply current
All LVPECL outputs floating (internal IDD)–
61
mA
VIH1
Input high voltage, LVPECL input clocks
IN0 and IN0#, IN1 and IN1#
–VDD + 0.3
V
VIL1
Input low voltage, LVPECL input clocks
IN0 and IN0#, IN1 and IN1#
–0.3
–
V
VIH2
Input high voltage, CLK_EN, IN_SEL
VDD = 3.3 V
2.0
VDD + 0.3
V
VIL2
Input low voltage, CLK_EN, IN_SEL
VDD = 3.3 V
–0.3
0.8
V
VIH3
Input high voltage, CLK_EN, IN_SEL
VDD = 2.5 V
1.7
VDD + 0.3
V
VIL3
Input low voltage, CLK_EN, IN_SEL
VDD = 2.5 V
–0.3
0.7
V
VID
[3]
Input differential amplitude
See Figure 2 on page 7
0.4
1.0
V
VICM
Input common mode voltage
See Figure 2 on page 7
0.5
VDD – 0.2
V
IIH
Input high current, all inputs
Input = VDD
[4]
–
150
μA
IIL
Input low current, all inputs
Input = VSS
[4]
–150
–
μA
VOH
LVPECL output high voltage
Terminated with 50
Ω to V
DD – 2.0
[5]
VDD – 1.20 VDD – 0.70
V
VOL
LVPECL output low voltage
Terminated with 50
Ω to V
DD – 2.0
[5]
VDD – 2.0 VDD – 1.63
V
RP
Internal pull-up/pull-down resistance,
LVCMOS logic inputs
CLK_EN has pull-up only
IN_SEL has pull-down only
60
140
k
Ω
CIN
Input capacitance
Measured at 10 MHz; per pin
–
3
pF
Notes
3. VID minimum of 400 mV is required to meet all output AC Electrical Specifications. The device is functional with VID minimum of greater than 200 mV.
4. Positive current flows into the input pin, negative current flows out of the input pin.
5. Refer to Figure 3 on page 7.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com