Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DM1502ZXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2DM1502ZXI
Description  1:2 CML / LVPECL Input to CML Output Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DM1502ZXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2DM1502ZXI Datasheet HTML 1Page - Cypress Semiconductor CY2DM1502ZXI Datasheet HTML 2Page - Cypress Semiconductor CY2DM1502ZXI Datasheet HTML 3Page - Cypress Semiconductor CY2DM1502ZXI Datasheet HTML 4Page - Cypress Semiconductor CY2DM1502ZXI Datasheet HTML 5Page - Cypress Semiconductor CY2DM1502ZXI Datasheet HTML 6Page - Cypress Semiconductor CY2DM1502ZXI Datasheet HTML 7Page - Cypress Semiconductor CY2DM1502ZXI Datasheet HTML 8Page - Cypress Semiconductor CY2DM1502ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CY2DM1502
1:2 CML / LVPECL Input to CML Output
Fanout Buffer
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 001-56315 Rev. *F
Revised February 25, 2011
Features
■ One current mode logic (CML) or low-voltage positive
emitter-coupled logic (LVPECL) input pair distributed to two
CML output pairs
■ 20-ps maximum output-to-output skew
■ 480-ps maximum propagation delay
■ 0.15-ps maximum additive RMS phase jitter at 156.25 MHz
(12-kHz to 20-MHz offset)
■ Up to 1.5 GHz operation
■ 8-Pin thin shrunk small outline package (TSSOP) package
■ 2.5-V or 3.3-V operating voltage
[1]
■ Commercial and industrial operating temperature range
Functional Description
The
CY2DM1502
is
an
ultra-low
noise,
low-skew,
low-propagation delay 1:2 CML or LVPECL to CML fanout buffer
targeted to meet the requirements of high-speed clock
distribution applications. The device has a fully differential
internal architecture that is optimized to achieve low additive jitter
and low skew at operating frequencies of up to 1.5 GHz.
Note
1. Input AC-coupling capacitors are required for voltage-translation applications.
Logic Block Diagram
Q0
Q0#
Q1
Q1#
IN
IN#
VDD
VSS
VDD
[+] Feedback


Similar Part No. - CY2DM1502ZXI

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
CY2D11S-20.000 CRYSTEKCRYSTAL-CY2D11S-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2D11T-20.000 CRYSTEKCRYSTAL-CY2D11T-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2D11V-20.000 CRYSTEKCRYSTAL-CY2D11V-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2D13S-20.000 CRYSTEKCRYSTAL-CY2D13S-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
CY2D13T-20.000 CRYSTEKCRYSTAL-CY2D13T-20.000 Datasheet
116Kb / 1P
Quartz Crystal Leaded HC49 Crystal
More results

Similar Description - CY2DM1502ZXI

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L11M ONSEMI-NB6L11M Datasheet
147Kb / 9P
2.5V / 3.3V 1:2 Differential CML Fanout Buffer
December, 2006 ??Rev. 0
logo
Integrated Device Techn...
ICS858020 IDT-ICS858020 Datasheet
156Kb / 14P
LOW SKEW, 1-TO-4 DIFFERENTIAL-TO-CML FANOUT BUFFER
logo
ON Semiconductor
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
logo
Micrel Semiconductor
SY54011R MICREL-SY54011R_10 Datasheet
517Kb / 10P
Low Voltage 1.2V/1.8V CML 1:2 Fanout Buffer, 3.2Gbps, 3.2GHz
SY58606U MICREL-SY58606U_11 Datasheet
698Kb / 13P
4.25Gbps Precision, 1:2 CML Fanout Buffer
SY58011U MICREL-SY58011U_11 Datasheet
323Kb / 10P
7GHz, 1:2 CML FANOUT BUFFER/TRANSLATOR
SY58031 MICREL-SY58031 Datasheet
1Mb / 9P
CML & LVPECL Fanout Buffer
logo
Integrated Device Techn...
ICS858S011I IDT-ICS858S011I Datasheet
375Kb / 14P
Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
logo
Renesas Technology Corp
ICS858S011I RENESAS-ICS858S011I Datasheet
677Kb / 15P
Low Skew, 1-To-2, Differential-To-CML Fanout Buffer
September 19, 2017
IDT85S4011I RENESAS-IDT85S4011I Datasheet
605Kb / 15P
Low Skew, 1-to-2, Differential-to-CML Fanout Buffer
September 21, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com