Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DM1502ZXIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY2DM1502ZXIT
Description  1:2 CML / LVPECL Input to CML Output Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DM1502ZXIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY2DM1502ZXIT Datasheet HTML 4Page - Cypress Semiconductor CY2DM1502ZXIT Datasheet HTML 5Page - Cypress Semiconductor CY2DM1502ZXIT Datasheet HTML 6Page - Cypress Semiconductor CY2DM1502ZXIT Datasheet HTML 7Page - Cypress Semiconductor CY2DM1502ZXIT Datasheet HTML 8Page - Cypress Semiconductor CY2DM1502ZXIT Datasheet HTML 9Page - Cypress Semiconductor CY2DM1502ZXIT Datasheet HTML 10Page - Cypress Semiconductor CY2DM1502ZXIT Datasheet HTML 11Page - Cypress Semiconductor CY2DM1502ZXIT Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY2DM1502
Document Number: 001-56315 Rev. *F
Page 11 of 12
Document History Page
Document Title: CY2DM1502 1:2 CML / LVPECL Input to CML Output Fanout Buffer
Document Number: 001-56315
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
2782891
CXQ
10/09/09
New Datasheet.
*A
2838916
CXQ
01/05/2010
Changed status from “ADVANCE” to “PRELIMINARY”.
Changed from 0.34 ps to 0.25 ps maximum additive jitter in “Features” on page
1 and in tJIT in the AC Electrical Specs table on page 4.
Added tPU spec to the Operating Conditions table on page 2.
Removed VOH spec maximum of VDD in the DC Electrical Specs table on page
3.
Changed VOL spec min from VDD - 0.6V to VDD - 0.7V; changed max from VDD
- 0.4V to VDD - 0.3V in the DC Electrical Specs table on page 3.
Removed VOD spec of minimum 300 mV, maximum 450 mV in the DC
Electrical Specs table on page 3.
Added RP spec in the DC Electrical Specs table on page 3. Min = 60 kΩ, Max
= 140 k
Ω.
Added a measurement definition for CIN in the DC Electrical Specs table on
page 3.
Added VPP spec to the AC Electrical Specs table on page 4. VPP max = 700
mV for DC - 150 MHz and max = 600 mV for 150 MHz to 1.5 GHz. VPP min =
250 mV over the entire range.
Changed letter case and some names of all the timing parameters in the AC
Electrical Specs table on page 4 to be consistent with EROS.
Lowered all additive phase noise mask specs by 3 dB in in the AC Electrical
Specs table on page 4.
Added condition to tR and tF specs in the AC Electrical specs table on page 4
that input rise/fall time must be less than 1.5 ns (20% to 80%).
Changed letter case and some names of all the timing parameters in Figures
3, 4, 5, 6 and 8, to be consistent with EROS.
*B
3011766
CXQ
08/20/2010
Changed from 0.25 ps to 0.11 ps maximum additive jitter in “Features” on page
1 and in tJIT in the AC Electrical Specs table.
Added note 3 to describe IIH and IIL specs.
Removed reference to data distribution from “Functional Description”.
Changed RP for diff inputs from 100 kΩ to 150 kΩ in the Logic Block Diagram
and from 60 k
Ω min / 140 kΩ max to 90 kΩ min / 210 kΩ max in the DC
Electrical Specs table.
Added max VID of 1.0V in DC Electrical Specs table.
Updated phase noise specs for 1 k/10 k/100 k/1 M/10 M/20 MHz offset to
-120/-130/-135/-150/-150/-150dBc/Hz, respectively, in the AC Electrical
Specs table.
Added “Frequency range up to 1 GHz” condition to tODC spec.
Updated package diagram.
Added Acronyms and Ordering Code Definition.
*C
3017258
CXQ
08/27/2010
Corrected Output Rise/Fall time diagram.
*D
3100234
CXQ
11/18/2010
Updated Phase jitter to 0.15ps max from 0.11ps max.
Changed VIN and VOUT specs from 4.0V to “lesser of 4.0 or VDD + 0.4”
Removed 200mA min LU spec, replaced with “Meets or exceeds JEDEC Spec
JESD78B IC Latchup Test”
Removed RP spec for differential input clock pins INX and INX#.
Changed CIN condition to “Measured at 10 MHz”.
Changed PNADD specs for 1MHz, 10MHz, and 20MHz offsets.
Added condition “Measured at 1 GHz” to tR, tF specs.
*E
3137726
CXQ
01/13/2011
Removed “Preliminary” status heading.
Removed resistors from IN/IN# in Logic Block Diagram.
*F
3090938
CXQ
02/25/2011
Post to external web.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com