Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP1504ZXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2DP1504ZXI
Description  1:4 LVPECL Fanout Buffer with Selectable Clock Input
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1504ZXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2DP1504ZXI Datasheet HTML 1Page - Cypress Semiconductor CY2DP1504ZXI Datasheet HTML 2Page - Cypress Semiconductor CY2DP1504ZXI Datasheet HTML 3Page - Cypress Semiconductor CY2DP1504ZXI Datasheet HTML 4Page - Cypress Semiconductor CY2DP1504ZXI Datasheet HTML 5Page - Cypress Semiconductor CY2DP1504ZXI Datasheet HTML 6Page - Cypress Semiconductor CY2DP1504ZXI Datasheet HTML 7Page - Cypress Semiconductor CY2DP1504ZXI Datasheet HTML 8Page - Cypress Semiconductor CY2DP1504ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CY2DP1504
Document Number: 001-56215 Rev. *F
Page 3 of 14
Pinouts
Figure 1. Pin Diagram – 20-Pin TSSOP Package
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
Q0
Q0#
VDD
Q1
Q1#
Q2
Q2#
VDD
Q3
Q3#
VSS
CLK_EN
IN_SEL
IN0
IN0#
IN1
IN1#
NC
NC
VDD
Table 1. Pin Definitions
Pin No.
Pin Name
Pin Type
Description
1VSS
Power
Ground
2
CLK_EN
Input
Synchronous clock enable. Low-voltage complementary metal oxide
semiconductor (LVCMOS)/low-voltage transistor-transistor-logic (LVTTL).
When CLK_EN = Low, Q(0:3) outputs are held Low and Q(0:3)# outputs
are held High
3
IN_SEL
Input
Input clock select pin. LVCMOS/LVTTL;
When IN_SEL = Low, the IN0/IN0# differential input pair is active
When IN_SEL = High, the IN1/IN1# differential input pair is active
4
IN0
Input
LVPECL input clock. Active when IN_SEL = Low
5
IN0#
Input
LVPECL complementary input clock. Active when IN_SEL = Low
6
IN1
Input
LVPECL input clock. Active when IN_SEL = High
7
IN1#
Input
LVPECL complementary input clock. Active when IN_SEL = High
8,9
NC
No connection
10,13,18
VDD
Power
Power supply
11,14,16,19
Q(0:3)#
Output
LVPECL complementary output clocks
12,15,17,20
Q(0:3)
Output
LVPECL output clocks
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com