Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP1510AXI Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY2DP1510AXI
Description  1:10 LVPECL Fanout Buffer with Selectable Clock Input
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP1510AXI Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY2DP1510AXI Datasheet HTML 5Page - Cypress Semiconductor CY2DP1510AXI Datasheet HTML 6Page - Cypress Semiconductor CY2DP1510AXI Datasheet HTML 7Page - Cypress Semiconductor CY2DP1510AXI Datasheet HTML 8Page - Cypress Semiconductor CY2DP1510AXI Datasheet HTML 9Page - Cypress Semiconductor CY2DP1510AXI Datasheet HTML 10Page - Cypress Semiconductor CY2DP1510AXI Datasheet HTML 11Page - Cypress Semiconductor CY2DP1510AXI Datasheet HTML 12Page - Cypress Semiconductor CY2DP1510AXI Datasheet HTML 13Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
CY2DP1510
Document Number: 001-55566 Rev. *G
Page 12 of 13
Document History Page
Document Title: CY2DP1510 1:10 LVPECL Fanout Buffer with Selectable Clock Input
Document Number: 001-55566
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
2782891
CXQ
10/09/09
New Datasheet.
*A
2838916
CXQ
01/05/2010
Changed status from “ADVANCE” to “PRELIMINARY”.
Changed from 0.34 ps to 0.25 ps maximum additive jitter in “Features” on page
1 and in tJIT in the AC Electrical Specs table on page 5.
Added tPU spec to the Operating Conditions table on page 3.
Changed VOH in the DC Electrical Specs table on page 4: minimum from VDD
- 1.15V to VDD - 1.20V; maximum from VDD - 0.75V to VDD - 0.70V.
Removed VOD spec in the DC Electrical Specs table on page 4.
Changed VBB max spec in the DC Electrical Specs table on page 4 from VDD
- 1.38V to VDD - 1.40V.
Added RP spec in the DC Electrical Specs table on page 4. Min = 60 kΩ, Max
= 140 k
Ω.
Added a measurement definition for CIN in the DC Electrical Specs table on
page 4.
Added VPP spec to the AC Electrical Specs table on page 5. VPP min = 600
mV for DC - 150 MHz and min = 400 mV for 150 MHz to 1.5 GHz.
Changed letter case and some names of all the timing parameters in the AC
Electrical Specs table on page 5 to be consistent with EROS.
Lowered all additive phase noise mask specs by 3 dB in the AC Electrical
Specs table on page 5.
Added condition to tR and tF specs in the AC Electrical specs table on page 5
that input rise/fall time must be less than 1.5 ns (20% to 80%).
Changed letter case and some names of all the timing parameters in Figures
3, 4, 5, 6 and 8, to be consistent with EROS.
*B
2885033
CXQ
02/26/2010
Updated 32-Pin TQFP package diagram.
*C
3011766
CXQ
08/23/2010
Changed from 0.25 ps to 0.11 ps maximum additive jitter in “Features” on page
1 and in tJIT in the AC Electrical Specs table on page 6.
Added description of EPAD to Table 1 pin definitions.
Added note 3 to describe IIH and IIL specs.
Changed VBB max from VDD - 1.26V to VDD - 1.16V in DC Electrical Specs.
Removed reference to data distribution from “Functional Description”.
Changed RP for differential inputs from 100 kΩ to 150 kΩ in the Logic Block
Diagram and from 60 k
Ω min / 140 kΩ max to 90 kΩ min / 210 kΩ max in the
DC Electrical Specs table.
Added max VID of 1.0V in DC Electrical Specs table.
Changed tPD max spec from 480 ps to 600 ps.
Updated phase noise specs for 1 k/10 k/100 k/1 M/10 M/20 MHz offset to
-120/-130/-135/-150/-150/-150dBc/Hz, respectively, in the AC Electrical
Specs table.
Added “Frequency range up to 1 GHz” condition to tODC spec.
Updated package drawing to 001-54497 to reflect use of EPAD package.
Added Acronyms and Ordering Code Definition.
*D
3017258
CXQ
08/27/2010
Corrected Output Rise/Fall time diagram.
*E
3100234
CXQ
11/18/2010
Changed VIN and VOUT specs from 4.0V to “lesser of 4.0 or VDD + 0.4”
Removed 200mA min LU spec, replaced with “Meets or exceeds JEDEC Spec
JESD78B IC Latchup Test”
Removed RP spec for differential input clock pins INX and INX#.
Changed CIN condition to “Measured at 10 MHz”.
Changed PNADD specs for 100kHz, 10MHz, and 20MHz offsets.
*F
3135201
CXQ
01/12/2011
Removed “Preliminary” status heading.
Removed pull-up/pull-down resistors from INx/INx# pins in Logic Block
Diagram.
*G
3090938
CXQ
02/25/2011
Post to external web.
[+] Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com