Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33793 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33793
Description  Distributed System Interface
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33793 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33793 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33793 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33793
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
• Read the general purpose I/O logic values and respond
to request for these values.
• Generating a cycle redundancy check (CRC) for the
received data and transmitted data in conformance with
the DSI Bus Standard.
Additionally, the control logic performs error checking on
the received data. If errors are found, no action is taken and
no response is made. Errors include:
• CRC received doesn’t match CRC of received data.
• Number of received bits is not 12 or 20.
CLOCK
The clock is a low-stability type with the capacitor
integrated onto the die. The signaling system and all internal
operations are such that no external precision timing device
is needed in the normal operation of this device.
BUS SWITCH (BUSSW)
The bus switch passes signaling and power to all
subsequent devices on the bus. It can block a voltage of
either polarity up to the highest idle state level between
BUSIN and BUSOUT.
LOGICOUT
LOGICOUT is a logic level output with enhanced high-side
drive capability.
ADDRESSING
The 33793 IC supports both runtime programmable and
pre-programmed addressing as defined in the DSI
Specification. Runtime programmable addressing uses the
daisy chain bus connection. Pre-programmed devices may
either be connected in daisy chain or in parallel on the bus
wires.
Programmable address devices all power up with a device
address of $0 in their address register and their bus switches
open. In the daisy chain, if the first device receives the
initialization command device on BUSIN, it will accept the
address in the command and close its switch at the end of the
command. The next device in the chain will now be able to
receive the initialization command on its BUSIN and will
accept the next address. This proceeds down the chain until
the last device is addressed. The devices can also be
initialized by the reverse initialization command if the signal is
applied to BUSOUT.
Pre-programmed devices power up with their pre-
programmed address in its address register. It will ignore all
Initialization commands unless the address in the command
matches its pre-programmed address. In this event the
device stores the other information contained in the
Initialization command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com